Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM Datasheet(PDF) 4 Page - RFE international

Part # LSM
Description  Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSM Datasheet(HTML) 4 Page - RFE international

  LSM Datasheet HTML 1Page - RFE international LSM Datasheet HTML 2Page - RFE international LSM Datasheet HTML 3Page - RFE international LSM Datasheet HTML 4Page - RFE international LSM Datasheet HTML 5Page - RFE international LSM Datasheet HTML 6Page - RFE international LSM Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AUG-30-2023
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Page 4 of 7
Aluminum Electrolytic Capacitors
LSM Series: Snap In, 105 C
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
Ω
A/rms
Ω
D X L A/rms
Ω
180 181 20 x 20 0.61 0.737
220 221 20 x 25 0.73 .0.603 22 x 20 0.71 .0.603
270 271 20 x 25 0.81 0.491
25 x 20 0.85 0.491
330 331 20 x 30 0.97 0.402 22 x 25 0.98 0.402 25 x 20 0.94 0.402
390 391 20 x 30 1.06 0.34 22 x 25 1.03 0.34 25 x 25 1.09
0.34
470 471 20 x 35 1.17 0.282 22 x 30 1.21 0.282 25 x 25 1.19 0.282
560 561 20 x 40 1.35 0.237 22 x 35 1.4 0.237 25 x 30
1.4
0.237 30 x 25 1.35 0.237
680 681 20 x 45 1.57 0.195 22 x 40 1.62 0.195 25 x 35 1.61 0.195 30 x 25 1.54 0.195
820 821
22 x 45 1.86 0.162 25 x 40 1.86 0.162 30 x 30 1.79 0.162 35 x 25 1.79 0.243
1,000 102
22 x 50 2.18 0.133 25 x 45 2.15 0.133 30 x 35 2.09 0.133 35 x 25 1.98 0.199
1,200 122
25 x 50 2.35 0.111 30 x 40 2.35 0.111 35 x 30 2.29 0.166
1,500 152
30 x 35 2.56 0.088 35 x 35 2.72 0.133
1,800 182
30 x 45 2.97 0.074 35 x 40 3.09 0.111
2,200 222
30 x 60 3.48
0.06 35 x 50 3.51 0.09
2,700 272
35 x 55 4.05 0.074
160V(2C)
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L
A/rms
Ω
180 181
22 x 20
0.7
0.737
220 221 20 x 25
0.8
.0.603
25 x 20 0.84 .0.603
270 271 20 x 30 0.96
0.491 22 x 25 1.03 0.491
330 331
22 x 30 1.21 0.402
390 391 20 x 35 1.24
0.34
22 x 35 1.39
0.34 25 x 25 1.31
0.34
470 471 20 x 40 1.44
0.282 22 x 35 1.52 0.282 25 x 35 1.52 0.282
560 561 20 x 50 1.74
0.237 22 x 40 1.66 0.237 25 x 35 1.75 0.237 30 x 25 1.64 0.237
680 681
22 x 45 2.04 0.195 25 x 40 2.04 0.195 30 x 30 1.96 0.195
820 821
25 x 45 2.34 0.162 30 x 35 2.27 0.162 35 x 25
1.99 0.243
1,000 102
25 x 50 2.26 0.133 30 x 40 2.63 0.133 35 x 30
2.51 0.199
1,200 122
30 x 45
3
0.111 35 x 35
2.92 0.166
1,500 152
30 x 50 3.36 0.088 35 x 40
3.34 0.133
1,800 182
30 x 60 3.64 0.074 35 x 45
3.51 0.111
2,200 222
35 x 55
4.01
0.09
200V(2D)
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms Ω
D X L A/rms
Ω
D X L
A/rms
Ω
180
181
22 x 25 0.77 0.737
220
221 20 x 30 0.87 ..0.603
270
271 20 x 35 1.03
0.491 22 x 30 1.02 0.491 25 x 25 1.08 0.491
330
331 20 x 40 1.21
0.402 22 x 35 1.2
0.402 25 x 30 1.27 0.402
390
391 20 x 50 1.45
0.34
22 x 40 1.38
0.34 25 x 35 1.46 0.34 30 x 25 1.39
0.34
470
471
22 x 45 1.46 0.282 25 x 40 1.69 0.282 30 x 30 1.63 0.282
560
561
5 x 45 1.93 0.237
35 x 25
1.78 0.355
680
681
25 x 50 2.04 0.195 30 x 35 2.06 0.195
35 x 30
2.06 0.293
820
821
30 x 45 2.48 0.162 35 x 35 2.41 0.243
1,000 102
30 x 50 2.65 0.133
35 x 40
2.76 0.199
1,200 122
30 x 60 3.15 0.111
35 x 45
3.14 0.166
1,800 182
35 x 60
3.97 0.111
250V(2E)
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com