Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM Datasheet(PDF) 6 Page - RFE international

Part # LSM
Description  Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSM Datasheet(HTML) 6 Page - RFE international

  LSM Datasheet HTML 1Page - RFE international LSM Datasheet HTML 2Page - RFE international LSM Datasheet HTML 3Page - RFE international LSM Datasheet HTML 4Page - RFE international LSM Datasheet HTML 5Page - RFE international LSM Datasheet HTML 6Page - RFE international LSM Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AUG-30-2023
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Page 6 of 7
Aluminum Electrolytic Capacitors
LSM Series: Snap In, 105 C
CHARACTERISTICS CURVES
μF Code D X L A/rms
Ω
D X L
A/rms
Ω
D X L
A/rms
Ω
D X L A/rms
Ω
D X L
A/rms
Ω
56 560 20 x 25 0.41 3.554
82 820 20 x 30 0.54 2.427
25 x 25
0.57 2.427
100 101 20 x 45 0.71
1.99 22 x 35 0.67
1.99
120 121 20 x 50 0.82 1.659 22 x 40 0.78
1.659 25 x 30
0.74 1.659 30 x 25 0.77 1.659
150 151
22 x 45 0.92
1.327 25 x 35
0.89 1.327 30 x 30 0.93 1.327 35 x 25 0.95 1.327
180 181
22 x 50 1.06
1.106 25 x 40
1.03 1.106 30 x 30 1.01 1.106 35 x 25 1.04 1.106
220 221
25 x 45
1.18 0.905 30 x 35 1.18 0.905 35 x 30 1.22 0.905
270 271
30 x 40 1.17 0.737
330 331
30 x 50 1.42 0.603 35 x 35 1.64 0.603
390 391
35 x 40 1.74
0.51
470 471
35 x 50 1.85 0.423
560 561
35 x 50 2.02 0.355
450V(2W)
μF Code D X L
A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
56 560
82 820 22 x 35
0.68
2.427 25 x 30 0.74 2.427
100 101 22 x 40
0.79
1.99 25 x 40 0.85
1.99
3 x 35
1.2
1.99
120 121 22 x 45
0.91
1.659 25 x 45 0.98 1.659
150 151 22 x 50
1.07
1.327 25 x 55 1.2
1.327
220 221
30 x 40
1.4
0.905
270 271
35 x 35 1.61 0.737
330 331
35 x 40 1.88 0.603
390 391
35 x 45 2.15
0.51
500V(2H)
22 Diameter
22 Diameter
22 Diameter
22 Diameter
22 Diameter
22 Diameter
22 Diameter
22 Diameter
22 Diameter
22 Diameter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com