Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM Datasheet(PDF) 3 Page - RFE international

Part # LSM
Description  Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSM Datasheet(HTML) 3 Page - RFE international

  LSM Datasheet HTML 1Page - RFE international LSM Datasheet HTML 2Page - RFE international LSM Datasheet HTML 3Page - RFE international LSM Datasheet HTML 4Page - RFE international LSM Datasheet HTML 5Page - RFE international LSM Datasheet HTML 6Page - RFE international LSM Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Aluminum Electrolytic Capacitors
LSM Series: Snap In, 105 C
Page 3 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com AUG-30-2023
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
1,000 102 20 x 20
0.9
0.398 22 x 20
0.9
0.398
1,200 122 20 x 25 1.08
0.332 22 x 20 1.05
0.332
1,500 152 20 x 30 1.31
0.265 22 x 25 1.28
0.265 25 x 20 1.17 0.265
2,200 222 20 x 35
1.7
0.181 22 x 35 1.78
0.181 25 x 25
1.6
0.181 30 x 25 1.78 0.181
2,700 272 20 x 40 1.82
0.147 22 x 35 1.81
0.147 25 x 30 1.83 0.147 30 x 25 1.89 0.147
3,300 332 20 x 45
2
0.121 22 x 40
2
0.121 25 x 35 2.03 0.121 30 x 25 1.81 0.121 35 x 25 2.03
0.121
3,900 392 20 x 50 2.16
0.102 22 x 50 2.37
0.102 25 x 40 2.22 0.102 30 x 30 2.19 0.102 35 x 25 2.24
0.102
4,700 472
25 x 45 2.56 0.085 30 x 35 2.66 0.085 35 x 25 2.46
0.085
5,600 562
25 x 50 2.93 0.071 30 x 35 2.79 0.071 35 x 30 2.88
0.071
35 x 35 3.26
0.059
35 x 40 3.49
0.059
8,200 822
35 x 40 3.52
0.049
63V(1J)
682
6,800
3.25
30 x 40
0.59
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
1,000 102
22 x 25 1.05 0.332 25 x 20 1.04 0.332
1,200 122 20 x 30 1.17 0.276 22 x 30 1.24 0.276 25 x 25 1.24 0.276
1,500 152 20 x 40 1.49 0.221 22 x 35 1.54 0.221 25 x 30 1.54 0.221 30 x 25 1.61 0.221
2,200 222 20 x 50 1.94 0.151 22 x 45 1.95 0.151 25 x 35 1.94 0.151 30 x 30 2.05 0.151 35 x 25
2.1
0.151
3,300 332
25 x 50 2.25 0.101 30 x 35 2.24 0.101 35 x 30
2.3
0.101
4,700 472
30 x 45 2.84 0.071 35 x 35
2.8
0.071
80V(1K)
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
1,000 102 20 x 35 1.28 0.265 22 x 30 1.36 0.265 25 x 25 1.36 0.265
1,200 122 20 x 40 1.49 0.221 22 x 35 1.48 0.221 25 x 30 1.49 0.221
1,500 152 20 x 45 1.75 0.177 22 x 40 1.82 0.177 25 x 35 1.85 0.177 30 x 25
1.8
0.177
2,200 222
25 x 45 2.5 0.121 30 x 35
2.5
0.121 35 x 30 2.5
0.121
2,700 272
25 x 50 2.7 0.098 30 x 40 2.72 0.098 35 x 35 2.82 0.098
3,300 332
30 x 45 3.11
0.08 35 x 35 3.07
0.08
3,900 392
30 x 50
3.4
0.068 35 x 40 3.38 0.068
4,700 472
35 x 45 3.9
0.056
100V(2A)
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com