Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM Datasheet(PDF) 5 Page - RFE international

Part # LSM
Description  Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSM Datasheet(HTML) 5 Page - RFE international

  LSM Datasheet HTML 1Page - RFE international LSM Datasheet HTML 2Page - RFE international LSM Datasheet HTML 3Page - RFE international LSM Datasheet HTML 4Page - RFE international LSM Datasheet HTML 5Page - RFE international LSM Datasheet HTML 6Page - RFE international LSM Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AUG-30-2023
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Page 5 of 7
Aluminum Electrolytic Capacitors
LSM Series: Snap In, 105 C
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
100 101 20 x 30 0.53
1.99 22 x 25 0.52
1.99
25 x 20 0.52
1.99
120 121 20 x 35 0.63 1.659 22 x 30 0.62 1.659 25 x 25 0.65
1.659
150 151 20 x 40 0.74 1.327 22 x 35 0.74 1.327
180 181 20 x 45 0.81 1.106 22 x 40 0.81 1.106 25 x 30 0.77
1.106 30 x 25 0.8
1.106
220 221 20 x 50 0.94 0.905 22 x 45 0.94 0.905 25 x 35 0.91
0.905
270 271
22 x 50 1.09 0.737 25 x 40 1.06
0.737 30 x 30 1.05 0.737 35 x 25 1.08 0.737
330 331
25 x 45 1.24
0.603 30 x 35 1.24 0.603 35 x 30 1.33 0.603
390 391
30 x 40 1.42 0.51 35 x 30 1.39
0.51
470 471
30 x 45 1.56 0.423 35 x 35 1.53 0.423
560 561
30 x 50 1.78 0.355 35 x 40 1.73 0.355
680 681
30 x 60 1.94 0.293 35 x 50 1.95 0.293
820 821
35 x 55 2.23 0.243
350V(2V)
μF Code D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
56
560
22 x 20 0.41 3.554
68
680
22 x 25 0.52 2.927 25 x 20 0.49 2.927
82
820 20 x 30 0.54 2.427
100 101 20 x 35 0.64
1.99 22 x 30 0.67
1.99
120 121 20 x 40 0.74 1.659 22 x 35 0.78 1.659 25 x 25 0.69 1.659
150 151 20 x 45 0.87 1.327 22 x 40 0.91 1.327 25 x 30 0.83 1.327 30 x 25 0.86 1.327
180 181
22 x 45 1.04 1.106 25 x 35 1.97 1.106
220 221
22 x 50 1.17 0.905 25 x 40 1.14 0.905 30 x 30 1.12 0.905 35 x 25 1.15 0.905
270 271
25 x 50 1.4
0.737 30 x 35 1.31 0.737 35 x 30 1.31 0.737
330 331
30 x 40 1.39 0.603 35 x 30 1.34 0.603
390 391
30 x 45 1.49
0.51
35 x 35 1.47
0.51
470 471
30 x 50 1.72 0.423 35 x 40 1.71 0.423
560 561
30 x 60 2.03 0.355 35 x 45 2.23 0.355
680 681
35 x 55 2.31 0.293
820 821
35 x 60 2.54 0.243
400V(2G)
400V(2G)
μF Code D X L
A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
D X L A/rms
Ω
56
560 20 x 25
0.41
3.554 22 x 20 0.4 3.554
68
680 20 x 30
0.49
2.927 22 x 25 0.48 2.927
82
820 20 x 30
0.54
2.427 22 x 25 0.53 2.427
100 101 20 x 35
0.64
1.99
22 x 30 0.63 1.99
25 x 25 0.63
1.99
120 121 20 x 40
0.74
1.659 22 x 35 0.74 1.659 25 x 30 0.78
1.659
150 151 20 x 50
0.92
1.327 22 x 40 0.87 1.327
30 x 25 0.8
1.327
180 181
22 x 45 0.93 1.106 25 x 30
0.9
1.106 30 x 30 0.98 1.106
220 221
25 x 45 1.01
0.905 30 x 35 1.05 0.905 35 x 25 0.97 0.905
270 271
25 x 50 1.17
0.737 30 x 40 1.22 0.737 35 x 30 1.15 0.737
330 331
30 x 45 1.37 0.603 35 x 35 1.35 0.603
390 391
30 x 50 1.56
0.51
35 x 40 1.55
0.51
470 471
30 x 60 1.76 0.423 35 x 45
1.7
0.423
560 561
35 x 50 1.94 0.355
680 681
35 x 60 2.31 0.293
420V(2P)
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter
35 Diameter
30 Diameter
25 Diameter
22 Diameter
20 Diameter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com