Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 35Page - SMSC Corporation EMC6D103 Datasheet HTML 36Page - SMSC Corporation EMC6D103 Datasheet HTML 37Page - SMSC Corporation EMC6D103 Datasheet HTML 38Page - SMSC Corporation EMC6D103 Datasheet HTML 39Page - SMSC Corporation EMC6D103 Datasheet HTML 40Page - SMSC Corporation EMC6D103 Datasheet HTML 41Page - SMSC Corporation EMC6D103 Datasheet HTML 42Page - SMSC Corporation EMC6D103 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
39
Revision 0.3 (03-01-07)
DATASHEET
cycle. If the current PWM duty cycle is equal to the calculated duty cycle the PWM output will remain
unchanged.
Internally, the PWM Ramp Rate Control Logic will increment/decrement the internal PWM Duty cycle
by ‘1’ at a rate determined by the Ramp Rate Control Register (see Register 62h, 63h: Min/Off, PWM
Ramp Rate Control on page 70). The actual duty cycle output is changed once per the period of the
PWM output, which is determined by the frequency of the PWM output. (See Figure 7.4 Illustration of
PWM Ramp Rate Controlon page 40.)
If the period of the PWM output is less than the step size created by the PWM Ramp Rate, the
PWM output will hold the duty cycle constant until the Ramp Rate logic increments/decrements the
duty cycle by ‘1’ again. For example, if the PWM frequency is 87.7Hz (1/87.7Hz = 11.4msec) and
the PWM Step time is 206msec, the PWM duty cycle will be held constant for a minimum of 18
periods (206/11.4 = 18.07) until the Ramp Logic increments/decrements the actual PWM duty cycle
by ‘1’.
If the period of the PWM output is greater than the step size created by the PWM Ramp Rate, the
ramp rate logic will force the PWM output to increment/decrement the actual duty cycle in
increments larger than 1/255. For example, if the PWM frequency is 11Hz (1/11Hz = 90.9msec)
and the PWM Step time is 5msec, the PWM duty cycle output will be incremented 18 or 19 out of
255 (i.e., 90.9/5 = 18.18) until it reaches the calculated duty cycle. Note: The step size may be
less if the calculated duty cycle minus the actual duty cycle is less than 18.
Note: The calculated PWM Duty cycle reacts immediately to a change in the temperature reading
value. The temperature reading value may be updated once in 624msec, once in 78msec,
once in 223msec (default), or once in 447msec (see Table 6.2, “Conversion Cycle Timing,” on
page 23). The internal PWM duty cycle generated by the Ramp Rate control logic gradually
ramps up/down to the calculated duty cycle at a rate pre-determined by the value programmed
in the PWM Ramp Rate Control bits . The PWM output latches the internal duty cycle
generated by the Ramp Rate Control Block every 1/(PWM frequency) seconds to determine
the actual duty cycle of the PWM output pin.
PWM Output Transition from OFF to ON
When the calculated PWM Duty cycle generated by the auto fan control logic transitions from the ‘OFF’
state to the ‘ON’ state (i.e., Current PWM duty cycle>00h), the internal PWM duty cycle in the Ramp
Rate Control Logic is initialized to the calculated duty cycle without any ramp time and the PWMx
Current Duty Cycle register is set to this value. The PWM output will latch the current duty cycle value
in the Ramp Rate Control block to control the PWM output.
PWM Output Transition from ON to OFF
Each PWM output has a control bit to determine if the PWM output will transition immediately to the
OFF state (default) or if it will gradually step down to Off at the programmed Ramp Rate. These control
bits (SZEN) are located in the PWMx Options registers at offsets 94h-96h.
Table 7.1 PWM Ramp Rate
RRX-
[2:0]
PWM RAMP TIME (SEC)
(TIME FROM 33%
DUTY CYCLE TO
100% DUTY CYCLE)
PWM RAMP TIME (SEC)
(TIME FROM 0% DUTY
CYCLE TO 100% DUTY
CYCLE)
TIME PER
PWM STEP
(PWM STEP SIZE =
1/255)
PWM
RAMP
RATE
(HZ)
000
35
52.53
206 msec
4.85
001
17.6
26.52
104 msec
9.62
010
11.8
17.595
69 msec
14.49
011
7.0
10.455
41 msec
24.39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com