Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 71 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation EMC6D103 Datasheet HTML 74Page - SMSC Corporation EMC6D103 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
71
Revision 0.3 (03-01-07)
DATASHEET
Ramp Rate Control
The Ramp Rate Control logic limits the amount of change to the PWM duty cycle over a period of time.
This period of time is programmable via the Ramp Rate Control bits. For a detailed description of the
Ramp Rate Control bits see Table 8.33. For a description of the Ramp Rate Control logic see Ramp
Rate Control Logic on page 38.
Note:
RR1E, RR2E, and RR3E enable PWM Ramp Rate Control for PWM 1, 2, and 3 respectively.
RR1-2, RR1-1, and RR1-0 control ramp rate time for PWM 1
RR2-2, RR2-1, and RR2-0 control ramp rate time for PWM 2
RR3-2, RR3-1, and RR3-0 control ramp rate time for PWM 3
8.2.19
Registers 64-66h: Minimum PWM Duty Cycle
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
These registers specify the minimum duty cycle that the PWM will output when the measured
temperature reaches the Temperature LIMIT register setting in Auto Fan Control Mode.
Table 8.33 PWM Ramp Rate Control
RRX-[2:0]
PWM RAMP TIME
(SEC)
(TIME FROM 33%
DUTY CYCLE TO
100% DUTY CYCLE)
PWM RAMP TIME
(SEC)
(TIME FROM 0%
DUTY CYCLE TO
100% DUTY CYCLE)
TIME PER PWM STEP
(PWM STEP SIZE =
1/255)
PWM
RAMP RATE
(HZ)
000
35
52.53
206 msec
4.85
001
17.6
26.52
104 msec
9.62
010
11.8
17.595
69 msec
14.49
011
7.0
10.455
41 msec
24.39
100
4.4
6.63
26 msec
38.46
101
3.0
4.59
18 msec
55.56
110
1.6
2.55
10 msec
100
111
0.8
1.275
5 msec
200
Table 8.34 Registers 64-66h: Minimum PWM Duty Cycle
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
64h
R/W
PWM1 Minimum Duty Cycle
7
6
5
4
3
2
1
0
80h
65h
R/W
PWM2 Minimum Duty Cycle
7
6
5
4
3
2
1
0
80h
66h
R/W
PWM3 Minimum Duty Cycle
7
6
5
4
3
2
1
0
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com