Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 73 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation EMC6D103 Datasheet HTML 74Page - SMSC Corporation EMC6D103 Datasheet HTML 75Page - SMSC Corporation EMC6D103 Datasheet HTML 76Page - SMSC Corporation EMC6D103 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
73
Revision 0.3 (03-01-07)
DATASHEET
8.2.21
Registers 6A-6Ch: Absolute Temperature Limit
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
In Auto Fan mode, if any zone associated with a PWM output exceeds the temperature set in the
Absolute limit register, all PWM outputs will increase their duty cycle to 100% except those that are
disabled via the PWM Configuration registers. This is a safety feature that attempts to cool the system
if there is a potentially catastrophic thermal event.
If an absolute limit register set to 80h (-128
°c), the safety feature is disabled for the associated zone.
That is, if 80h is written into the Zone x Temp Absolute Limit Register, then regardless of the reading
register for the zone, the fans will not turn on-full based on the absolute temp condition.
Default =100
°c=64h.
When any fan is in auto fan mode, then if the temperature in any zone exceeds absolute limit, all fans
go to full, including any in manual mode, except those that are disabled. Therefore, even if a zone is
not associated with a fan, if that zone exceeds absolute, then all fans go to full. In this case, the
absolute limit can be chosen to be 7Fh for those zones that are not associated with a fan, so that the
fans won't turn on unless the temperature hits 127 degrees.
50
°c50
32h
.
.
.
.
.
.
.
.
.
127
°c127
7Fh
Table 8.38 egisters 6A-6Ch: Absolute Temperature Limit
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
6Ah
R/W
Zone 1 Temp Absolute Limit
7
6
5
4
3
2
1
0
64h
6Bh
R/W
Zone 2 Temp Absolute Limit
7
6
5
4
3
2
1
0
64h
6Ch
R/W
Zone 3 Temp Absolute Limit
7
6
5
4
3
2
1
0
64h
Table 8.39 Absolute Limit vs. Register Setting
ABSOLUTE LIMIT
ABS LIMIT (DEC)
ABS LIMIT (HEX)
-127
°c-127
81h
.
.
.
.
.
.
.
.
.
-50
°c-50
CEh
.
.
.
.
.
.
.
.
.
0
°c0
00h
.
.
.
.
.
.
.
.
.
Table 8.37 Temperature Limit vs. Register Setting (continued)
LIMIT
LIMIT (DEC)
LIMIT (HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com