Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 70 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 70 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation EMC6D103 Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
70
SMSC EMC6D103
DATASHEET
Note: The range numbers will be used to calculate the slope of the PWM ramp up. For the fractional
entries, the PWM will go on full when the temp reaches the next integer value e.g., for 3.33,
PWM will be full on at (min. temp + 4).
8.2.18
Register 62h, 63h: Min/Off, PWM Ramp Rate Control
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
Description of OFFx bits:
The OFFx Bits [7:5] specify whether the duty cycle will be set to 0% or the Minimum Fan Duty Cycle
when the measured temperature falls below the Temperature LIMIT register setting. OFF1 applies to
PWM1, OFF2 applies to PWM2, and OFF3 applies to PWM3.
Description of Ramp Rate Control bits:
If the Remote1 or Remote2 pins are connected to a processor or chipset, instantaneous temperature
spikes may be sampled by the part. The auto fan control logic calculates the PWM duty cycle for all
temperature readings. If Ramp Rate Control is disabled, the PWM output will jump or oscillate
between different PWM duty cycles causing the fan to suddenly change speeds, which creates
unwanted fan noise. If enabled, the PWM Ramp Rate Control logic will prevent the PWM output from
jumping, instead the PWM will ramp up/down towards the new duty cycle at a pre-determined ramp
rate.
0111
10
1000
13.33
1001
16
1010
20
1011
26.67
1100
32
1101
40
1110
53.33
1111
80
Table 8.31 Register 62h, 63h: Min/Off, PWM Ramp Rate Control
Register
Address
Read
/Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
62h
R/W
Min/Off, PWM 1 Ramp
Rate Control
OFF3
OFF2
OFF1
RES
RR1E
RR1-2
RR1-1
RR1-0
00h
63h
R/W
PWM 2, PWM 3 Ramp
Rate Control
RR2E
RR2-2
RR2-1
RR2-0
RR3E
RR3-2
RR3-1
RR3-0
00h
Table 8.32 PWM output below Limit depending on value of Off/Min
OFF/MIN
PWM ACTION
0
At 0% duty below LIMIT
1
At Min PWM Duty below LIMIT
Table 8.30 Register Setting vs. Temperature Range (continued)
RAN[3:0]
RANGE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com