Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 69 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
69
Revision 0.3 (03-01-07)
DATASHEET
Example for PWM1 assigned to Zone 1:
Zone 1 Low Temp Limit (Register 67h) is set to 50
°C (32h).
Zone 1 Range (Register 5Fh) is set to 8
°C (7h)
PWM1 Minimum Duty Cycle (Register 64h) is set to 50% (80h)
In this case, the PWM1 duty cycle will be 50% at 50
°C.
Since (Zone 1 Low Temp Limit) + (Zone 1 Range) = 50
°C + 8°C = 58°C, the fan controlled by PWM1
will run at 100% duty cycle when the temperature of the Zone 1 sensor is at 58
°C.
Since the midpoint of the fan control range is 54
°C, and the median duty cycle is 75% (Halfway
between the PWM Minimum and 100%), PWM1 duty cycle would be 75% at 54
°C.
Above (Zone 1 Low Temp Limit) + (Zone 1 Range), the duty cycle must be 100%.
The PWM frequency bits [3:0] determine the PWM frequency for the fan.
PWM Frequency Selection (Default =0011=29.3Hz)
Range Selection (Default =1100=32
°C)
Table 8.29 Register Setting vs. PWM Frequency
FREQ[3:0]
PWM FREQUENCY
0000
11.0 Hz
0001
14.6 Hz
0010
21.9 Hz
0011
29.3 Hz (default)
0100
35.2 Hz
0101
44.0 Hz
0110
58.6 Hz
0111
87.7 Hz
1000 - 1001
N/A
1010
~25 Khz
1011 - 1111
N/A
Table 8.30 Register Setting vs. Temperature Range
RAN[3:0]
RANGE (
°C)
0000
2
0001
2.5
0010
3.33
0011
4
0100
5
0101
6.67
0110
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com