Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 74 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation EMC6D103 Datasheet HTML 74Page - SMSC Corporation EMC6D103 Datasheet HTML 75Page - SMSC Corporation EMC6D103 Datasheet HTML 76Page - SMSC Corporation EMC6D103 Datasheet HTML 77Page - SMSC Corporation EMC6D103 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
74
SMSC EMC6D103
DATASHEET
8.2.22
Registers 6D-6Eh: Zone Hysteresis Registers
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
If the temperature is above the Zone x Low Temp Limit, then drops below Zone x Low Temp Limit, the
following will occur:
The fan will remain on, at Fan PWM Minimum, until the temperature goes a certain amount below the
associated zones low temperature limit (see Zone x Low Temp Limit registers). That is, when the
temperature is less than the temperature limit minus the hysteresis value, the fan will turn off.
The Hysteresis registers control this amount. See below table for details.
8.2.23
Register 6F: XOR Test Register
This register becomes read only when the Lock bit is set. Any further attempts to write to this register
shall have no effect.
50
°c50
32h
.
.
.
.
.
.
.
.
.
127
°c127
7Fh
Table 8.40 Registers 6D-6Eh: Zone Hysteresis Registers
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
6Dh
R/W
Zone 1, Zone 2 Hysteresis
H1-3
H1-2
H1-1
H1-0
H2-
3
H2-2
H2-1
H2-0
44h
6Eh
R/W
Zone 3, Hysteresis
H3-3
H3-2
H3-1
H3-0
RES
RES
RES
RES
40h
Table 8.41 Hysteresis Settings
SETTING
HYSTERESIS
0h
0
°C
.
.
.
.
.
5h
5
°C
.
.
.
.
.
.
Fh
15
°C
Table 8.42 Register 6F: XOR Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
6Fh
R/W
XOR Test Register
RES
RES
RES
RES
RES
RES
RES
XEN
00h
Table 8.39 Absolute Limit vs. Register Setting (continued)
ABSOLUTE LIMIT
ABS LIMIT (DEC)
ABS LIMIT (HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com