Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400B Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 14Page - Advanced Micro Devices AM29DL400B Datasheet HTML 15Page - Advanced Micro Devices AM29DL400B Datasheet HTML 16Page - Advanced Micro Devices AM29DL400B Datasheet HTML 17Page - Advanced Micro Devices AM29DL400B Datasheet HTML 18Page - Advanced Micro Devices AM29DL400B Datasheet HTML 19Page - Advanced Micro Devices AM29DL400B Datasheet HTML 20Page - Advanced Micro Devices AM29DL400B Datasheet HTML 21Page - Advanced Micro Devices AM29DL400B Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
16
Am29DL400B
3. Note: See Table 5 for program command sequence.
Figure 3. Program Operation
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip
erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two
additional unlock write cycles are then followed by
the chip erase command, which in turn invokes the
Embedded Erase algorithm. The device does not re-
quire the system to preprogram prior to erase. The
Embedded Erase algorithm automatically prepro-
grams and verifies the entire memory for an all zero
data pattern prior to electrical erase. The system is
not required to provide any controls or timings dur-
ing these operations. Table 5 shows the address and
data requirements for the chip erase command
sequence.
When the Embedded Erase algorithm is complete,
that bank returns to reading array data and ad-
dresses are no longer latched. The system can
determine the status of the erase operation by using
DQ7, DQ6, DQ2, or RY/BY#. Refer to the Write Oper-
ation Status section for information on these status
bits.
Any commands written during the chip erase opera-
tion are ignored. However, note that a hardware
reset immediately terminates the erase operation. If
that occurs, the chip erase command sequence
should be reinitiated once that bank has returned to
reading array data, to ensure data integrity.
Figure 4 illustrates the algorithm for the erase opera-
tion. Refer to the Erase and Program Operations
tables in the AC Characteristics section for parame-
ters, and Figure 18 section for timing diagrams.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector
erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two
additional unlock cycles are written, and are then fol-
lowed by the address of the sector to be erased, and
the sector erase command. Table 5 shows the ad-
dress and data requirements for the sector erase
command sequence.
The device does not require the system to prepro-
gram prior to erase. The Embedded Erase algorithm
automatically programs and verifies the entire mem-
ory for an all zero data pattern prior to electrical
erase. The system is not required to provide any
controls or timings during these operations.
After the command sequence is written, a sector
erase time-out of 50 µs occurs. During the time-out
period, additional sector addresses and sector erase
commands may be written. Loading the sector erase
buffer may be done in any sequence, and the num-
ber of sectors may be from one sector to all sectors.
The time between these additional cycles must be
less than 50 µs, otherwise the last address and com-
mand may not be accepted, and erasure may begin.
It is recommended that processor interrupts be dis-
abled during this time to ensure all commands are
accepted. The interrupts can be re-enabled after the
last Sector Erase command is written. Any com-
mand other than Sector Erase or Erase Suspend
during the time-out period resets that bank to
reading array data. The system must rewrite the
command sequence and any additional addresses
and commands.
The system can monitor DQ3 (in the erasing bank)
to determine if the sector erase timer has timed out
(See the section on DQ3: Sector Erase Timer.). The
time-out begins from the rising edge of the final
WE# pulse in the command sequence.
When the Embedded Erase algorithm is complete,
the bank returns to reading array data and ad-
dresses are no longer latched. Note that while the
Embedded Erase operation is in progress, the system
can read data from the non-erasing bank. The sys-
tem can determine the status of the erase operation
by reading DQ7, DQ6, DQ2, or RY/BY# in the erasing
bank. Refer to the Write Operation Status section for
information on these status bits.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other com-
mands are ignored. However, note that a hardware
reset immediately terminates the erase operation. If
that occurs, the sector erase command sequence
should be reinitiated once that bank has returned to
reading array data, to ensure data integrity.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com