Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400B Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 16Page - Advanced Micro Devices AM29DL400B Datasheet HTML 17Page - Advanced Micro Devices AM29DL400B Datasheet HTML 18Page - Advanced Micro Devices AM29DL400B Datasheet HTML 19Page - Advanced Micro Devices AM29DL400B Datasheet HTML 20Page - Advanced Micro Devices AM29DL400B Datasheet HTML 21Page - Advanced Micro Devices AM29DL400B Datasheet HTML 22Page - Advanced Micro Devices AM29DL400B Datasheet HTML 23Page - Advanced Micro Devices AM29DL400B Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
18
Am29DL400B
COMMAND DEFINITIONS
Table 5. Am29DL400B Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE# or CE# pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A17–A12 uniquely select any sector.
BA = Address of the bank that is being switched to autoselect mode, is in bypass mode, or is being erased. Address bits A17–
A16 select a bank.
Notes:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all bus
cycles are write operations.
4. Data bits DQ15–DQ8 are don’t cares for unlock and
command cycles in word mode.
5. Address bits A17–A11 are don’t cares for unlock and
command cycles, unless bank address (BA) is required.
6. No unlock or command cycles required when bank is in
read mode.
7. The Reset command is required to return to reading
array data (or to the erase-suspend-read mode if
previously in Erase Suspend) when a bank is in the
autoselect mode, or if DQ5 is goes high (while the bank
is providing status information).
8. The fourth cycle of the autoselect command sequence is
a read cycle. The system must provide the bank address
to obtain the manufacturer or device ID information.
9. The data is 00h for an unprotected sector and 01h for a
protected sector. See the
Autoselect Command
Sequence section for more information.
10. The Unlock Bypass command is required prior to the
Unlock Bypass Program command.
11. The Unlock Bypass Reset command is required to return
to reading array data when the bank is in the unlock
bypass mode.
12. The system may read and program in non-erasing
sectors, or enter the autoselect mode, when in the Erase
Suspend mode. The Erase Suspend command is valid
only during a sector erase operation, and requires the
bank address.
13. The Erase Resume command is valid only during the Erase
Suspend mode, and requires the bank address.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr Data
Addr
Data
Addr
Data
Addr Data Addr Data
Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
Word
4
555
AA
2AA
55
(BA)555
90
(BA)X00
01
Byte
AAA
555
(BA)AAA
Device ID,
Top Boot Block
Word
4
555
AA
2AA
55
(BA)555
90
(BA)X01
220C
Byte
AAA
555
(BA)AAA
(BA)X02
0C
Device ID,
Bottom Boot Block
Word
4
555
AA
2AA
55
(BA)555
90
(BA)X01
220F
Byte
AAA
555
(BA)AAA
(BA)X02
0F
Sector Protect Verify
(Note 9)
Word
4
555
AA
2AA
55
(BA)555
90
(SA)
X02
XX00
XX01
Byte
AAA
555
(BA)AAA
(SA)
X04
00
01
Program
Word
4
555
AA
2AA
55
555
A0
PA
PD
Byte
AAA
555
AAA
Unlock Bypass
Word
3
555
AA
2AA
55
555
20
Byte
AAA
555
AAA
Unlock Bypass Program (Note 10)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 11)
2
BA
90
XXX
00
Chip Erase
Word
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Byte
AAA
555
AAA
AAA
555
AAA
Sector Erase
Word
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Byte
AAA
555
AAA
AAA
555
Erase Suspend (Note 12)
1
BA
B0
Erase Resume (Note 13)
1
BA
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com