Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400B Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 19Page - Advanced Micro Devices AM29DL400B Datasheet HTML 20Page - Advanced Micro Devices AM29DL400B Datasheet HTML 21Page - Advanced Micro Devices AM29DL400B Datasheet HTML 22Page - Advanced Micro Devices AM29DL400B Datasheet HTML 23Page - Advanced Micro Devices AM29DL400B Datasheet HTML 24Page - Advanced Micro Devices AM29DL400B Datasheet HTML 25Page - Advanced Micro Devices AM29DL400B Datasheet HTML 26Page - Advanced Micro Devices AM29DL400B Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Am29DL400B
21
Note: The system should recheck the toggle bit even if DQ5
= “1” because the toggle bit may stop toggling as DQ5
changes to “1.” See the subsections on DQ6 and DQ2 for
more information.
Figure 6. Toggle Bit Algorithm
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time
has exceeded a specified internal pulse count limit.
Under these conditions DQ5 produces a “1,” indicat-
ing that the program or erase cycle was not
successfully completed.
The device may output a “1” on DQ5 if the system
tries to program a “1” to a location that was previ-
ously programmed to “0.” Only an erase operation
can change a “0” back to a “1.” Under this condi-
tion, the device halts the operation, and when the
timing limit has been exceeded, DQ5 produces a “1”.
Under both these conditions, the system must write
the reset command to return to reading array data
(or to the erase-suspend-read mode if a bank was
previously in the erase-suspend-program mode).
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not
erasure has begun. (The sector erase timer does not
apply to the chip erase command.) If additional sec-
tors are selected for erasure, the entire time-out also
applies after each additional sector erase command.
When the time-out period is complete, DQ3 switches
from a “0” to a “1”. If the system can guarantee the
time between additional sector erase commands to
be less than 50 µs, it need not monitor DQ3. See
also the Sector Erase Command Sequence section.
After the sector erase command is written, the sys-
tem should read the status of DQ7 (Data# Polling) or
DQ6 (Toggle Bit I) to ensure that the device has ac-
cepted the command sequence, and then read DQ3.
If DQ3 is “1”, the Embedded Erase algorithm has be-
gun; all further commands (except Erase Suspend)
are ignored until the erase operation is complete. If
DQ3 is “0”, the device will accept additional sector
erase commands. To ensure the command has been
accepted, the system software should check the sta-
tus of DQ3 prior to and following each subsequent
sector erase command. If DQ3 is high on the second
status check, the last command might not have been
accepted.
Table 6 shows the status of DQ3 relative to the other
status bits.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com