Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400B Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 39Page - Advanced Micro Devices AM29DL400B Datasheet HTML 40Page - Advanced Micro Devices AM29DL400B Datasheet HTML 41Page - Advanced Micro Devices AM29DL400B Datasheet HTML 42Page - Advanced Micro Devices AM29DL400B Datasheet HTML 43Page - Advanced Micro Devices AM29DL400B Datasheet HTML 44Page - Advanced Micro Devices AM29DL400B Datasheet HTML 45Page - Advanced Micro Devices AM29DL400B Datasheet HTML 46Page - Advanced Micro Devices AM29DL400B Datasheet HTML 47Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
44
Am29DL400B
REVISION SUMMARY
Revision A (January 1998)
Initial release.
Revision B (March 1998)
Expanded data sheet from Advance Information to
Preliminary version.
Revision C (April 1998)
Global
Changed -70R speed option to -70.
Figure 1, In-system Sector Protect/Unprotect
Algorithm
Added “PSLSCNT=1” to sector protect algorithm.
Reset Command
Deleted last paragraph; applies only to hardware
reset.
DQ6: Toggle Bit I
First and second para., clarified that the toggle bit
may be read “at any address within the program-
ming or erasing bank,” not at “any address.” Fourth
para., clarified “device” to “bank”
Operating Ranges
Deleted reference to regulated voltage range
DC Characteristics
Added Note 4 reference to ICC6 and ICC7.
Erase and Program Operations
Corrected note references for tWHWH1, tWHWH2,
and tVCS
Temporary Sector Unprotect
Added note reference to tVIDR.
Figure 24, Sector Protect/Unprotect Timing
Diagram
Updated figure to correct address waveform—valid ad-
dress not required in first cycle.
Alternate CE# Controlled Erase/Program
Operations
Corrected note references for tWHWH1, tWHWH2
Erase and Programming Performance
In Note 2, changed worst case endurance to 1 million
cycles.
Revision D (June 1999)
Distinctive Characterisitics
Added 20 Year data retention at 125° C bullet.
Ordering Information
Corrected TSOP description to 48-pin.
Revision D+1 (March 23, 1999)
AC Characteristics, Read-only Operations table
Corrected tRC, tACC, and tCE for 90 ns speed option to
90 ns.
Revision E (December 7, 1999)
AC Characteristics—Figure 17. Program
Operations Timing and Figure 18. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start
at high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision E+1 (May 12, 2000)
Ordering Information
Optional processing: Deleted the burn-in option
AC Characteristics—Read-Only Operations
Changed tDF to 16 ns for all speeds.
Revision E+2 (November 21, 2000)
Added table of contents.
Revision E+3 (January 7, 2005)
Global
Added Colophon
Updated Trademark
Updated fonts
Ordering Information
Added temperature ranges for Pb-free (Lead-free)
Packages
Added new valid combinations.
Revision E+4 (June 7, 2005)
Cover page and Title page
Updated EOL disclaimers. Added notation to
superseding documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com