Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400B Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 8Page - Advanced Micro Devices AM29DL400B Datasheet HTML 9Page - Advanced Micro Devices AM29DL400B Datasheet HTML 10Page - Advanced Micro Devices AM29DL400B Datasheet HTML 11Page - Advanced Micro Devices AM29DL400B Datasheet HTML 12Page - Advanced Micro Devices AM29DL400B Datasheet HTML 13Page - Advanced Micro Devices AM29DL400B Datasheet HTML 14Page - Advanced Micro Devices AM29DL400B Datasheet HTML 15Page - Advanced Micro Devices AM29DL400B Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
10
Am29DL400B
Output Disable Mode
When the OE# input is at VIH, output from the de-
vice is disabled. The output pins are placed in the
high impedance state.
Table 2. Am29DL400BT Top Boot Sector Architecture
Note: The address range is A17:A-1 if in byte mode (BYTE# = VIL). The address range is A17:A0 if in word mode (BYTE# =
VIH).
Bank
Sector
Sector Address
Sector Size
(Kbytes/
Kwords)
(x8)
Address Range
(x16)
Address Range
Bank
Address
A15 A14 A13 A12
A17 A16
Bank 2
SA0
0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA4
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA5
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
Bank 1
SA6
11000
X
16/8
60000h–63FFFh
30000h–31FFFh
SA7
1
1
0
01
X
32/16
64000h–6BFFFh
32000h–35FFFh
10
X
SA8
110110
8/4
6C000h–6DFFFh
36000h–36FFFh
SA9
110111
8/4
6E000h–6FFFFh
37000h–37FFFh
SA10
111000
8/4
70000h–71FFFh
38000h–38FFFh
SA11
111001
8/4
72000h–73FFFh
39000h–39FFFh
SA12
1
1
1
01
X
32/16
74000h–7BFFFh
3A000h–3DFFFh
10
X
SA13
11111
X
16/8
7C000h–7FFFFh
3E000h–3FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com