Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400B Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29DL400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 15Page - Advanced Micro Devices AM29DL400B Datasheet HTML 16Page - Advanced Micro Devices AM29DL400B Datasheet HTML 17Page - Advanced Micro Devices AM29DL400B Datasheet HTML 18Page - Advanced Micro Devices AM29DL400B Datasheet HTML 19Page - Advanced Micro Devices AM29DL400B Datasheet HTML 20Page - Advanced Micro Devices AM29DL400B Datasheet HTML 21Page - Advanced Micro Devices AM29DL400B Datasheet HTML 22Page - Advanced Micro Devices AM29DL400B Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Am29DL400B
17
Figure 4 illustrates the algorithm for the erase opera-
tion. Refer to the Erase and Program Operations
tables in the AC Characteristics section for parame-
ters, and Figure 18 section for timing diagrams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command, B0h, allows the sys-
tem to interrupt a sector erase operation and then
read data from, or program data to, any sector not
selected for erasure. The bank address is required
when writing this command. This command is valid
only during the sector erase operation, including the
50 µs time-out period during the sector erase com-
mand sequence. The Erase Suspend command is
ignored if written during the chip erase operation or
Embedded Program algorithm.
When the Erase Suspend command is written during
the sector erase operation, the device requires a
maximum of 20 µs to suspend the erase operation.
However, when the Erase Suspend command is writ-
ten during the sector erase time-out, the device
immediately terminates the time-out period and sus-
pends the erase operation.
After the erase operation has been suspended, the
bank enters the erase-suspend-read mode. The sys-
tem can read data from or program data to any
sector not selected for erasure. (The device “erase
suspends” all sectors selected for erasure.) Reading
at any address within erase-suspended sectors pro-
duces status information on DQ7–DQ0. The system
can use DQ7, or DQ6 and DQ2 together, to deter-
mine if a sector is actively erasing or is erase-
suspended. Refer to the Write Operation Status sec-
tion for information on these status bits.
After an erase-suspended program operation is com-
plete, the bank returns to the erase-suspend-read
mode. The system can determine the status of the
program operation using the DQ7 or DQ6 status bits,
just as in the standard Byte Program operation.
Refer to the Write Operation Status section for more
information.
In the erase-suspend-read mode, the system can
also issue the autoselect command sequence. Refer
to the Autoselect Mode and Autoselect Command Se-
quence sections for details.
To resume the sector erase operation, the system
must write the Erase Resume command. The bank
address of the erase-suspended bank is required
when writing this command. Further writes of the
Resume command are ignored. Another Erase Sus-
pend command can be written after the chip has
resumed erasing.
Notes:
1. See Table 5 for erase command sequence.
2. See the section on DQ3 for information on the sector erase timer.
Figure 4. Erase Operation
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com