Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29BL802C Datasheet HTML 14Page - Advanced Micro Devices AM29BL802C Datasheet HTML 15Page - Advanced Micro Devices AM29BL802C Datasheet HTML 16Page - Advanced Micro Devices AM29BL802C Datasheet HTML 17Page - Advanced Micro Devices AM29BL802C Datasheet HTML 18Page - Advanced Micro Devices AM29BL802C Datasheet HTML 19Page - Advanced Micro Devices AM29BL802C Datasheet HTML 20Page - Advanced Micro Devices AM29BL802C Datasheet HTML 21Page - Advanced Micro Devices AM29BL802C Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
16
Am29BL802C
22371C7 November 3, 2006
D A TA
SH EET
Figure 4.
Burst Mode Read with 25 MHz CLK, 70 ns tIACC, 24 ns tBACC Parameters
Reset Command
Writing the reset command to the device resets the de-
vice to reading array data. Address bits are don’t care
for this command.
The reset command may be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the device to reading array
data. Once erasure begins, however, the device ig-
nores reset commands until the operation is complete.
The reset command may be written between the se-
quence cycles in a program command sequence be-
fore programming begins. This resets the device to
reading array data (also applies to programming in
Erase Suspend mode). Once programming begins,
however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the se-
quence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command must
be written to return to reading array data (also applies
to autoselect during Erase Suspend).
If DQ5 goes high during a program or erase operation,
writing the reset command returns the device to read-
ing array data (also applies during Erase Suspend).
See “AC Characteristics” for parameters, and to Figure
17 for the timing diagram.
Autoselect Command Sequence
The autoselect command sequence allows the host
system to access the manufacturer and devices codes,
and determine whether or not a sector is protected.
Table 4 shows the address and data requirements. This
method is an alternative to that shown in Table 1, which
is intended for PROM programmers and requires VID
on address bit A9.
The autoselect command sequence is initiated by writ-
ing two unlock cycles, followed by the autoselect com-
mand. The device then enters the autoselect mode,
and the system may read at any address any number
of times, without initiating another command sequence.
A read cycle at address 00h retrieves the manufacturer
code. A read cycle at address 01h returns the device
code. A read cycle containing a sector address (SA)
and the address 02h in word mode returns 0001h if that
sector is protected, or 0000h if it is unprotected. Refer
to Table 2 for valid sector addresses. A read cycle at
address 03h returns 0000h if the device is in asynchro-
nous mode, or 0001h if in synchronous (burst) mode.
The system must write the reset command to exit the
autoselect mode and return to reading array data.
Program Command Sequence
Programming is a four-bus-cycle operation. The pro-
gram command sequence is initiated by writing two
unlock write cycles, followed by the program set-up
command. The program address and data are written
next, which in turn initiate the Embedded Program al-
gorithm. The system is not required to provide further
controls or timings. The device automatically gener-
ates the program pulses and verifies the programmed
cell margin. Table 4 shows the address and data re-
quirements for the program command sequence.
When the Embedded Program algorithm is complete,
the device then returns to reading array data and ad-
dresses are no longer latched. The system can deter-
mine the status of the program operation by using DQ7,
DQ6, or RY/BY#. See “Write Operation Status” for in-
formation on these status bits.
CLK
LBA#
BAA#
Data
Step 1
Step 2
Step 3
40 ns
40 ns
40 ns
40 ns
70 ns
40 ns
24 ns
Da
Da +1
24 ns
Da +2
Da +3
24 ns
OE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com