Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM29BL802C Datasheet HTML 38Page - Advanced Micro Devices AM29BL802C Datasheet HTML 39Page - Advanced Micro Devices AM29BL802C Datasheet HTML 40Page - Advanced Micro Devices AM29BL802C Datasheet HTML 41Page - Advanced Micro Devices AM29BL802C Datasheet HTML 42Page - Advanced Micro Devices AM29BL802C Datasheet HTML 43Page - Advanced Micro Devices AM29BL802C Datasheet HTML 44Page - Advanced Micro Devices AM29BL802C Datasheet HTML 45Page - Advanced Micro Devices AM29BL802C Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
November 3, 2006 22371C7
Am29BL802C
41
D A TA
SH EET
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC, 100,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 3.0 V, 100,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See
Table 4 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1 million cycles.
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time.
SSOP PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
* For reference only. BSC is an ANSI standard for Basic Space Centering.
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
5
15
s
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
45
s
Word Programming Time
9
360
µs
Excludes system level
overhead (Note 5)
Chip Programming Time (Note 3)
9
27
s
Description
Min
Max
Input voltage with respect to VSS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com