Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29BL802C Datasheet HTML 8Page - Advanced Micro Devices AM29BL802C Datasheet HTML 9Page - Advanced Micro Devices AM29BL802C Datasheet HTML 10Page - Advanced Micro Devices AM29BL802C Datasheet HTML 11Page - Advanced Micro Devices AM29BL802C Datasheet HTML 12Page - Advanced Micro Devices AM29BL802C Datasheet HTML 13Page - Advanced Micro Devices AM29BL802C Datasheet HTML 14Page - Advanced Micro Devices AM29BL802C Datasheet HTML 15Page - Advanced Micro Devices AM29BL802C Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
10
Am29BL802C
22371C7 November 3, 2006
D A TA
SH EET
IND# End of Burst Indicator
The IND# output signal goes low when the device is
ouputting the last word of a 32-word burst sequence
(word Da+31). When the starting address was loaded
with LBA#, the 5-bit burst address counter was set to
00000b. The counter increments to 11111b on the
32nd word in the burst sequence. If the system con-
tinues to assert BAA# low, on the next CLK the device
will output the starting address data (Da). The burst
address counter will be again set to 00000b, and will
have “wrapped around.”
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing sec-
tors of memory), the system must drive WE# and CE# to
VIL, and OE# to VIH.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once the device enters the Un-
lock Bypass mode, only two write cycles are required to
program a word, instead of four. The “Program Com-
mand Sequence” section has details on programming
data to the device using both standard and Unlock By-
pass command sequences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 2 indicates the address
space that each sector occupies. A “sector address”
consists of the address bits required to uniquely select a
sector. The “Command Definitions” section has details
on erasing a sector or the entire chip, or suspending/re-
suming the erase operation.
After the system writes the autoselect command se-
quence, the device enters the autoselect mode. The sys-
tem can then read autoselect codes from the internal
register (which is separate from the memory array) on
DQ7–DQ0. Standard read cycle timings apply in this
mode. Refer to the “Autoselect Mode” and “Autoselect
Command Sequence” sections for more information.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The “AC
Characteristics” section contains timing specification ta-
bles and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status
bits on DQ7–DQ0. Standard read cycle timings and ICC
read specifications apply. Refer to “Write Operation Sta-
tus” for more information, and to “AC Characteristics” for
timing diagrams.
Standby Mode
When the system is not reading or writing to the device,
it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the
outputs are placed in the high impedance state, inde-
pendent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at VCC ± 0.3 V.
(Note that this is a more restricted voltage range than
VIH.) If CE# and RESET# are held at VIH, but not within
VCC ± 0.3 V, the device will be in the standby mode, but
the standby current will be greater. The device requires
standard access time (tCE) for read access when the de-
vice is in either of these standby modes, before it is
ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the operation
is completed.
In the DC Characteristics table, ICC3 and ICC4 represents
the standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device
energy consumption. The device automatically enables
this mode when addresses remain stable for tACC + 30
ns. The automatic sleep mode is independent of the
CE#, WE#, and OE# control signals. Standard address
access timings provide new data when addresses are
changed. While in sleep mode, output data is latched
and always available to the system. ICC4 in the DC
Characteristics table represents the automatic sleep
mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of reset-
ting the device to reading array data. When the system
drives the RESET# pin to VIL for at least a period of tRP,
the device immediately terminates any operation in
progress, tristates all data output pins, and ignores all
read/write attempts for the duration of the RESET#
pulse. The device also resets the internal state machine
to reading array data. The operation that was interrupted
should be reinitiated once the device is ready to accept
another command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VSS±0.3 V, the device
draws CMOS standby current (ICC4). If RESET# is held
at VIL but not within VSS±0.3 V, the standby current will
be greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase oper-
ation, the RY/BY# pin remains a “0” (busy) until the inter-
nal reset operation is complete, which requires a time of
tREADY (during Embedded Algorithms). The system can
thus monitor RY/BY# to determine whether the reset op-
eration is complete. If RESET# is asserted when a pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com