Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29BL802C Datasheet HTML 1Page - Advanced Micro Devices AM29BL802C Datasheet HTML 2Page - Advanced Micro Devices AM29BL802C Datasheet HTML 3Page - Advanced Micro Devices AM29BL802C Datasheet HTML 4Page - Advanced Micro Devices AM29BL802C Datasheet HTML 5Page - Advanced Micro Devices AM29BL802C Datasheet HTML 6Page - Advanced Micro Devices AM29BL802C Datasheet HTML 7Page - Advanced Micro Devices AM29BL802C Datasheet HTML 8Page - Advanced Micro Devices AM29BL802C Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
November 3, 2006 22371C7
Am29BL802C
3
D A TA
SH EET
TABLE OF CONTENTS
This page left intentionally blank. . . . . . . . . . . . . 2
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Device Bus Operations .......................................................8
Requirements for Reading Array Data Array in Asynchronous
(Non-Burst) Mode ..................................................................... 9
Requirements for Reading Array Data in Synchronous
(Burst) Mode ............................................................................. 9
Burst Suspend/Burst Resume Operations ................................ 9
IND# End of Burst Indicator .................................................... 10
Writing Commands/Command Sequences ............................ 10
Program and Erase Operation Status .................................... 10
Standby Mode ........................................................................ 10
Automatic Sleep Mode ........................................................... 10
RESET#: Hardware Reset Pin ............................................... 10
Output Disable Mode .............................................................. 11
Table 2. Sector Address Table ........................................................11
Autoselect Mode..................................................................... 12
Table 3. Am29BL802C Autoselect Codes (High Voltage Method) ..12
Sector Protection/Unprotection ............................................... 12
Figure 1. In-system Sector Protect/Unprotect Algorithms ............... 13
Temporary Sector Unprotect .................................................. 14
Figure 2. Temporary Sector Unprotect Operation........................... 14
Hardware Data Protection . . . . . . . . . . . . . . . . . . 14
Low VCC Write Inhibit .............................................................. 14
Write Pulse “Glitch” Protection ............................................... 14
Logical Inhibit .......................................................................... 14
Power-Up Write Inhibit ............................................................ 14
Command Definitions . . . . . . . . . . . . . . . . . . . . . 14
Reading Array Data in Non-burst Mode ................................. 14
Reading Array Data in Burst Mode ......................................... 15
Figure 3. Burst Mode Read with 40 MHz CLK, 65 ns tIACC,
18 ns tBACC Parameters.................................................................. 15
Figure 4. Burst Mode Read with 25 MHz CLK, 70 ns tIACC,
24 ns tBACC Parameters................................................................. 16
Reset Command ..................................................................... 16
Autoselect Command Sequence ............................................ 16
Program Command Sequence ............................................... 16
Unlock Bypass Command Sequence ..................................... 17
Figure 5. Program Operation .......................................................... 17
Chip Erase Command Sequence ........................................... 17
Sector Erase Command Sequence ........................................ 18
Figure 6. Erase Operation............................................................... 18
Erase Suspend/Erase Resume Commands ........................... 18
Asynchronous Mode ............................................................... 18
Burst Mode ............................................................................. 19
General ................................................................................... 19
Command Definitions ............................................................. 20
Table 4. Am29BL802C Command Definitions ................................20
Write Operation Status . . . . . . . . . . . . . . . . . . . . 21
DQ7: Data# Polling ................................................................. 21
Figure 7. Data# Polling Algorithm .................................................. 21
RY/BY#: Ready/Busy# ............................................................ 22
DQ6: Toggle Bit I .................................................................... 22
DQ2: Toggle Bit II ................................................................... 22
Reading Toggle Bits DQ6/DQ2 ............................................... 22
DQ5: Exceeded Timing Limits ................................................ 23
DQ3: Sector Erase Timer ....................................................... 23
Figure 8. Toggle Bit Algorithm........................................................ 23
Table 5. Write Operation Status ..................................................... 24
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 25
Figure 9. Maximum Negative Overshoot Waveform ...................... 25
Figure 10. Maximum Positive Overshoot Waveform...................... 25
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 25
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 11. ICC1 Current vs. Time (Showing Active and Automatic
Sleep Currents) .............................................................................. 27
Figure 12. Typical ICC1 vs. Frequency ........................................... 27
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 13. Test Setup..................................................................... 28
Table 6. Test Specifications ........................................................... 28
Key to Switching Waveforms .................................................. 28
Figure 14. Input Waveforms and Measurement Levels ................. 28
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 15. Conventional Read Operations Timings ....................... 31
Figure 16. Burst Mode Read .......................................................... 31
Figure 17. RESET# Timings .......................................................... 32
Figure 18. Program Operation Timings.......................................... 34
Figure 19. Chip/Sector Erase Operation Timings .......................... 35
Figure 20. Data# Polling Timings (During Embedded Algorithms). 36
Figure 21. Toggle Bit Timings (During Embedded Algorithms)...... 36
Figure 22. DQ2 vs. DQ6 for Erase and Erase
Suspend Operations .................................................................... 37
Figure 23. Temporary Sector Unprotect Timing Diagram .............. 37
Figure 24. Sector Protect/Unprotect Timing Diagram .................... 38
Figure 25. Alternate CE# Controlled Write Operation Timings ...... 40
Erase and Programming Performance . . . . . . . . 41
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 41
SSOP Pin Capacitance . . . . . . . . . . . . . . . . . . . . . 41
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Physical Dimensions*. . . . . . . . . . . . . . . . . . . . . . 42
SSO056—56-Pin Shrink Small Outline Package .................... 42
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 43
Revision A (June 1, 1999) ...................................................... 43
Revision A+1 (June 25, 1999) ................................................ 43
Revision B (November 29, 1999) ............................................ 43
Revision C (June 20, 2000) .................................................... 43
Revision C+1 (November 16, 2000) ....................................... 43
Revision C+2 (July 22, 2002) ................................................. 43
Revision C+3 (November 22, 2002) ....................................... 43
Revision C+4 (June 4, 2004) .................................................. 44
Revision C+5 (February 28, 2005) ......................................... 44
Revision C+6 (June 29, 2005) ................................................ 44
Revision C7 (November 3, 2006) ........................................... 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com