Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29BL802C Datasheet HTML 10Page - Advanced Micro Devices AM29BL802C Datasheet HTML 11Page - Advanced Micro Devices AM29BL802C Datasheet HTML 12Page - Advanced Micro Devices AM29BL802C Datasheet HTML 13Page - Advanced Micro Devices AM29BL802C Datasheet HTML 14Page - Advanced Micro Devices AM29BL802C Datasheet HTML 15Page - Advanced Micro Devices AM29BL802C Datasheet HTML 16Page - Advanced Micro Devices AM29BL802C Datasheet HTML 17Page - Advanced Micro Devices AM29BL802C Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
12
Am29BL802C
22371C7 November 3, 2006
D A TA
SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 1. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Table 2). Table 1 shows
the remaining address bits that are don’t care. When all
necessary bits have been set as required, the program-
ming equipment may then read the corresponding
identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 4. This method
does not require VID. See “Command Definitions” for
details on using the autoselect mode.
Table 3.
Am29BL802C Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences. See Table 4.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both program
and erase operations in previously protected sectors.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is protected
or unprotected. See “Autoselect Mode” for details.
Sector protection/unprotection can be implemented via
two methods.
The primary method requires VID on the RESET# pin
only, and can be implemented either in-system or via
programming equipment. Figure 1 shows the algo-
rithms and Figure 24 shows the timing diagram. This
method uses standard microprocessor bus cycle
timing. For sector unprotect, all unprotected sectors
must first be protected prior to the first sector unprotect
write cycle.
The alternate method intended only for programming
equipment requires VID on address pin A9 and OE#.
This method is compatible with programmer routines
written for earlier 3.0 volt-only AMD flash devices. De-
tails on this method are provided in a supplement, pub-
lica t ion
n u mb er
22 37 2,
a v a ilab l e
on
www.spansion.com.
Description
CE#
OE#
WE#
A18
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
XLXL
L
0001h
Device ID:
Am29BL802CB
(Bottom Boot Block)
LL
H
X
X
VID
XLXL
H
0081h
Sector Protection Verification
L
L
H
SA
X
VID
XLX
H
L
0001h (protected)
0000h (unprotected)
Burst Mode Status
L
L
H
X
X
VID
XLX
H
H
0000h
(non-burst mode)
0001h
(burst mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com