Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29BL802C Datasheet HTML 37Page - Advanced Micro Devices AM29BL802C Datasheet HTML 38Page - Advanced Micro Devices AM29BL802C Datasheet HTML 39Page - Advanced Micro Devices AM29BL802C Datasheet HTML 40Page - Advanced Micro Devices AM29BL802C Datasheet HTML 41Page - Advanced Micro Devices AM29BL802C Datasheet HTML 42Page - Advanced Micro Devices AM29BL802C Datasheet HTML 43Page - Advanced Micro Devices AM29BL802C Datasheet HTML 44Page - Advanced Micro Devices AM29BL802C Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
November 3, 2006 22371C7
Am29BL802C
39
D A TA
SH EET
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
Speed Options
JEDEC
Std
Description
65R
70R
90R
120R
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
65
70
90
120
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45454550
ns
tDVEH
tDS
Data Setup Time
Min
35354550
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
35
35
35
50
ns
tEHEL
tCPH
CE# Pulse Width High
Min
30
ns
tWHWsH1
tWHWH1 Programming Operation (Note 2)
Typ
9
µs
tWHWH2
tWHWH2 Sector Erase Operation (Note 2)
Typ
1
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com