Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065MU112REF Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29LV065MU112REF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU112REF Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29LV065MU112REF Datasheet HTML 15Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 16Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 17Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 18Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 19Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 20Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
September 12, 2006
Am29LV065MU
17
DA TA
SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its corresponding programming
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires VID on address pin A9. Address pins
A6, A3, A2, A1, and A0 must be as shown in Table 3.
In addition, when verifying sector protection, the sector
address must appear on the appropriate highest order
address bits (see Table 2). Table 3 shows the remain-
ing address bits that are don’t care. When all neces-
sary bits have been set as required, the programming
equipment may then read the corresponding identifier
code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 10. This method
does not require V
ID. See “Autoselect Command Se-
quence” on page 26. for more information.
Table 3.
Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Description
CE#
OE#
WE#
A21
to
A15
A14
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ7 to DQ0
Manufacturer ID: AMD
L
L
H
X
X
V
ID
XLXL
L
L
01h
Cycle 1
LL
H
X
X
V
ID
XLX
LL
H
7Eh
Cycle 2
H
H
L
13h
Cycle 3
HHH
00h
Sector Protection
Verification
LL
H
SA
X
V
ID
XLXL
H
L
01h (protected),
00h (unprotected)
SecSi Sector Indicator Bit
(DQ7)
LL
H
X
X
V
ID
XLXL
H
H
90h (factory locked),
10h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com