Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065MU112REF Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM29LV065MU112REF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU112REF Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM29LV065MU112REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 62Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
September 12, 2006
Am29LV065MU
59
DA TA
SH EET
REVISION SUMMARY
Revision A (August 3, 2001)
Initial release as abbreviated Advance Information
data sheet.
Revision A+1 (October 3, 2001)
Global
Added 120 ns device, changed 100 ns, V
IO = 1.65–2.7
V device to 110 ns, changed 90 ns operating range to
3.0–3.6 V.
Physical Dimensions
Added section.
Revision B (April 26, 2002)
Expanded data sheet to full specification version.
Revision B+1 (August 9, 2002)
MIRRORBIT 64 MBIT Device Family
Added 64 Fortified BGA to LV640MU device.
Alternate CE# Controlled Erase and Program
Operations
Added tRH parameter to table.
Erase and Program Operations
Added t
BUSY parameter to table.
Figure 16. Program Operation Timings
Added RY/BY# to waveform.
TSOP and BGA PIN Capacitance
Added the FBGA package.
Program Suspend/Program Resume Command
Sequence
Changed 15
μs typical to maximum and added 5 μs
typical.
Erase Suspend/Erase Resume Commands
Changed typical from 20
μs to 5 μs and added a maxi-
mum of 20
μs.
Special package handling instructions
Modified the special handling wording.
DC Characteristics table
Deleted the I
ACC specification row.
CFI
Changed text in the third paragraph of CFI to read
“reading array data.”
Revision B+2 (September 10, 2002)
Product Selector Guide
Added Note 2.
Ordering Information
Added Note 1.
Sector Erase Command Sequence
Deleted statement that describes the outcome of
when the Embedded Erase operation is in progress.
Revision B+3 (November 7, 2002)
Product Selector Guide and Read Only Operations
Changed the page access times and T
OE
Customer Lockable: SecSi Sector NOT
Programmed or Protected at the factory.
Added second bullet, SecSi sector-protect verify text
and figure 3.
SecSi Sector Flash Memory Region, and Enter
SecSi Sector/Exit SecSi Sector Command
Sequence
Noted that the ACC function and unlock bypass modes
are not available when the SecSi sector is enabled.
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase Com-
mand Sequence
Noted that the SecSi Sector, autoselect, and CFI
functions are unavailable when a program or erase
operation is in progress.”
Common Flash Memory Interface (CFI)
Changed wording in last sentence of third paragraph
from, “...the autoselect mode.” to “...reading array
data.”
Changed CFI website address.
Revision B+4 (February 17, 2003)
Distinctive Characteristics
Corrected performance characteristics.
Product Selector Guide
Removed 90R speed option.
Added note 2.
Ordering Information
Corrected Valid Combination to reflect speed option
changes.
Added Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com