Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065MU112REF Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29LV065MU112REF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU112REF Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29LV065MU112REF Datasheet HTML 21Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 22Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 23Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 24Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 25Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 26Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 27Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 28Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
September 12, 2006
Am29LV065MU
23
DA TA
SH EET
Table 6.
CFI Query Identification String
Table 7.
System Interface String
Addresses
Data
Description
10h
11h
12h
51h
52h
59h
Query Unique ASCII string “QRY”
13h
14h
02h
00h
Primary OEM Command Set
15h
16h
40h
00h
Address for Primary Extended Table
17h
18h
00h
00h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
00h
00h
Address for Alternate OEM Extended Table (00h = none exists)
Addresses
Data
Description
1Bh
27h
V
CC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
36h
V
CC Max. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Dh
00h
V
PP Min. voltage (00h = no VPP pin present)
1Eh
00h
V
PP Max. voltage (00h = no VPP pin present)
1Fh
07h
Typical timeout per single byte write 2
N µs
20h
07h
Typical timeout for Min. size buffer write 2
N µs (00h = not supported)
21h
0Ah
Typical timeout per individual block erase 2
N ms
22h
00h
Typical timeout for full chip erase 2
N ms (00h = not supported)
23h
01h
Max. timeout for byte write 2
N times typical
24h
05h
Max. timeout for buffer write 2
N times typical
25h
04h
Max. timeout per individual block erase 2
N times typical
26h
00h
Max. timeout for full chip erase 2
N times typical (00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com