Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065MU112REF Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29LV065MU112REF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU112REF Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29LV065MU112REF Datasheet HTML 32Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 33Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 34Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 35Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 36Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 37Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 38Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 39Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
34
Am29LV065MU
September 12, 2006
DA TA
SH EET
Command Definitions
Table 10.
Command Definitions
Legend:
X = Don’t care
RA = Read Address of the memory location to be read.
RD = Read Data read from location RA during read operation.
PA = Program Address. Addresses latch on the falling edge of the WE#
or CE# pulse, whichever happens later.
PD = Program Data for location PA. Data latches on the rising edge of
WE# or CE# pulse, whichever happens first.
SA = Sector Address of sector to be verified (in autoselect mode) or
erased. Address bits A22–A16 uniquely select any sector.
WBL = Write Buffer Location. Address must be within the same write
buffer page as PA.
BC = Byte Count. Number of write buffer locations to load minus 1.
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the read cycle and the fourth cycle of the autoselect
command sequence, all bus cycles are write cycles.
4.
During unlock and command cycles, when lower address bits are
don’t cares, address bits A22–A12 are also don’t cares.
5.
No unlock or command cycles required when device is in read
mode.
6.
The Reset command is required to return to the read mode (or to
the erase-suspend-read mode if previously in Erase Suspend)
when the device is in the autoselect mode, or if DQ5 goes high
(while the device is providing status information).
7.
The fourth cycle of the autoselect command sequence is a read
cycle. See “Autoselect Command Sequence” on page 26. for
more information.
8.
The device ID must be read in three cycles.
9.
The data is 88h for factory locked and 08h for not factory locked.
10. The data is 00h for an unprotected sector group and 01h for a
protected sector group.
11. Command sequence resets device for next command after
aborted write-to-buffer operation.
12. The Unlock Bypass command is required prior to the Unlock
Bypass Program command.
13. The Unlock Bypass Reset command is required to return to the
read mode when the device is in the unlock bypass mode.
14. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation.
15. The Erase Resume command is valid only during the Erase
Suspend mode.
16. Command is valid when device is ready to read array data or when
device is in autoselect mode.
Command Sequence (Notes)
Bus Cycles (Notes 1, 2, 3, and 4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read ((Note 5))
1
RA
RD
Reset ((Note 6))1
XXX
F0
Manufacturer ID
4
XXX
AA
XXX
55
XXX
90
X00
01
Device ID ((Note 8))
6
XXX
AA
XXX
55
XXX
90
X01
7E
X0E
13
X0F
00
SecSi
™ Sector Factory Protect
((Note 9))
4
XXX
AA
XXX
55
XXX
90
X03
(9)
Sector Group Protect Verify
((Note 10))
4
XXX
AA
XXX
55
XXX
90
(SA)X02
00/01
Enter SecSi Sector Region
3
XXX
AA
XXX
55
XXX
88
Exit SecSi Sector Region
4
XXX
AA
XXX
55
XXX
90
XXX
00
Program
4
XXX
AA
XXX
55
XXX
A0
PA
PD
Write to Buffer
6
XXX
AA
XXX
55
SA
25
SA
WC
PA
PD
WBL
PD
Program Buffer to Flash
1
SA
29
Write to Buffer Abort Reset ((Note
11))
3
XXX
AA
XXX
55
XXX
F0
Unlock Bypass
3
XXX
AA
XXX
55
XXX
20
Unlock Bypass Program ((Note 12))2
XXX
A0
PA
PD
Unlock Bypass Reset ((Note 13))
2
XXX
90
XXX
00
Chip Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
XXX
10
Sector Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
SA
30
Program/Erase Suspend ((Note 14))1
XXX
B0
Program/Erase Resume ((Note 15))1
XXX
30
CFI Query ((Note 15))
1
55
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com