Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065MU112REF Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29LV065MU112REF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU112REF Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29LV065MU112REF Datasheet HTML 36Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 37Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 38Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 39Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 40Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 41Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 42Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 43Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
38
Am29LV065MU
September 12, 2006
DA TA
SH EET
DQ1: Write-to-Buffer Abort
DQ1 indicates whether a Write-to-Buffer operation
was aborted. Under these conditions DQ1 produces a
“1”.
The
system
m u st
issue
the
Write-to-Buffer-Abort-Reset command sequence to re-
turn the device to reading array data. See “Write Buffer
Programming” on page 27. for more details.
Table 11.
Write Operation Status
Notes:
1. DQ5 switches to ‘1’ when an Embedded Program, Embedded Erase, or Write-to-Buffer operation has exceeded the
maximum timing limits. See “DQ5: Exceeded Timing Limits” on page 37. for more information.
2. DQ7 and DQ2 require a valid address when reading status information. See “DQ7: Data# Polling” on page 35. and “DQ2: Toggle
Bit II” on page 37 for further details.
3. The Data# Polling algorithm should be used to monitor the last loaded write-buffer address location.
4. DQ1 switches to ‘1’ when the device has aborted the write-to-buffer operation.
Status
DQ7
((Note 2))DQ6
DQ5
((Note 1))DQ3
DQ2
((Note 2))DQ1
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
N/A
0
Program
Suspend
Mode
Program-
Suspend
Read
Program-Suspended
Sector
Invalid (not allowed)
1
Non-Program
Suspended Sector
Data
1
Erase
Suspend
Mode
Erase-
Suspend
Read
Erase-Suspended
Sector
1
No toggle
0
N/A
Toggle
N/A
1
Non-Erase Suspended
Sector
Data
1
Erase-Suspend-Program
(Embedded Program)
DQ7#
Toggle
0
N/A
N/A
N/A
0
Write-to-
Buffer
Busy ((Note 3))
DQ7#
Toggle
0
N/A
N/A
0
0
Abort ((Note 4))
DQ7#
Toggle
0
N/A
N/A
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com