Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065MU112REF Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM29LV065MU112REF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU112REF Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM29LV065MU112REF Datasheet HTML 50Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV065MU112REF Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
52
Am29LV065MU
September 12, 2006
DA TA
SH EET
AC CHARACTERISTICS
Alternate CE# Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase And Programming Performance” section for more information.
3. For 1–32 bytes programmed.
4. Effective write buffer specification is based upon a 32-byte write buffer operation.
5. Byte programming specification is based upon a single byte programming operation not utilizing the write buffer.
6. AC specifications listed are tested with V
IO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC.
7. When using the program suspend/resume feature, if the suspend command is issued within t
POLL, tPOLL must be fully re-applied
upon resuming the programming operation. If the suspend command is issued after t
POLL, tPOLL is not required again prior to
reading the status bits upon resuming.
Parameter
Speed Options
JEDEC
Std.
Description
90R
101,
101R
112,
112R
120,
120R
Unit
t
AVAV
t
WC
Write Cycle Time (Note Notes 1)
Min
90
100
110
120
ns
t
AVWL
t
AS
Address Setup Time
Min
0
ns
t
ELAX
t
AH
Address Hold Time
Min
45
ns
t
DVEH
t
DS
Data Setup Time
Min
45
ns
t
EHDX
t
DH
Data Hold Time
Min
0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time
Min
0
ns
t
EHWH
t
WH
WE# Hold Time
Min
0
ns
t
ELEH
t
CP
CE# Pulse Width
Min
45
ns
t
EHEL
t
CPH
CE# Pulse Width High
Min
30
ns
t
WHWH1
t
WHWH1
Write Buffer Program Operation
(Notes Notes 2, Notes 3)
Typ
352
µs
Effective Byte Program Time, using the
Write Buffer (Notes Notes 2, Notes 4)
Typ
11
µs
Effective Accelerated Byte Program Time,
using the Write Buffer (Notes Notes 2,
Notes 4)
Typ
8.8
µs
Single Byte Program Operation (Note
Notes 2, Notes 5)
Typ
100
µs
Accelerated Single Byte Programming
Operation (Note Notes 2, Notes 5)
Typ
90
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note Notes 2)
Typ
0.5
sec
t
RH
RESET # High Time Before Write (Note
Notes 1)
Min
50
ns
t
POLL
Program Valid Before Status Polling (Note
Notes 7)
Max
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com