Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBI Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBI Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBI Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 26Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
June 7, 2006
Am29BDD160G
21
Burst Access Timing Control
In addition to the IND/WAIT# signal control, burst con-
trols exist in the Control Register for initial access de-
lay, delivery of data on the CLK edge, and the length
of time data is held.
Initial Burst Access Delay Control
The Am29BDD160 contains options for initial access
delay of a burst access. The initial access delay has
no effect on asynchronous read operations.
Burst Initial Access Delay is defined as the number of
clock cycles that must elapse from the first valid clock
edge after ADV# assertion (or the rising edge of
ADV#) until the first valid CLK edge when the data is
valid.
The burst access is initiated and the address is
latched on the first rising CLK edge when ADV# is ac-
tive or upon a rising ADV# edge, whichever comes
first. (See Table 8 describes the initial access delay
configurations.) If the Clock Configuration bit in the
Control Register is set to falling edge (CR6 = 0), the
definition remains the same for the initial delay setting
with the exception that data is valid after the falling
edge.
Table 8.
Burst Initial Access Delay
Figure 3.
Initial Burst Delay Control
Notes:
1. Burst access starts with a rising CLK edge and when ADV# is active.
2. Configurations register 6 is set to 1 (CR6 = 1). Burst starts and data outputs on the rising CLK edge.
3. CR [13-10] = 1 or three clock cycles
4. CR [13-10] = 2 or four clock cycles
5. CR [13-10] = 3 or Five clock cycles
CR13
CR12
CR11
CR10
Initial Burst Access
(CLK cycles)
54D,
64C, 65A
00
00
2
00
01
3
00
10
4
00
11
5
01
00
6
01
01
7
0
1
1
0
8
01
11
9
CLK
ADV#
A18-A0
DQ31-DQ03
DQ31-DQ04
DQ31-DQ05
Valid Address
Three CLK Delay
2nd CLK
3rd CLK
4th CLK
5th CLK
1st CLK
Four CLK Delay
Address 1 Latched
Five CLK Delay
D0
D1
D2
D3
D0
D1
D2
D0
D1
D2
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com