Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBI Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBI Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBI Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 26Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 27Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
22
Am29BDD160G
June 7, 2006
Burst CLK Edge Data Delivery
The Am29BDD160 is capable of delivering data on ei-
ther the rising or falling edge of CLK. To deliver data
on the rising edge of CLK, bit 6 in the Control Register
(CR6) is set to 1. To deliver data on the falling edge of
CLK, bit 6 in the Control Register is cleared to 0. The
default configuration is set to the rising edge.
Burst Data Hold Control
The device is capable of holding data for one CLKs.
The default configuration is to hold data for one CLK
and is the only valid state.
Asserting RESET# During A Burst Access
If RESET# is asserted low during a burst access, the
burst access is immediately terminated and the device
defaults back to asynchronous read mode. Refer to
RESET#: Hardware Reset Pin for more information on
the RESET# function.
Configuration Register
The Am29BDD160 contains a Configuration Register
for configuring read accesses. The Configuration Reg-
ister is accessed by the Configuration Register Read
and the Configuration Register Write commands. The
Configuration Register does not occupy any address-
able memory location, but rather, is accessed by the
Configuration Register commands. The Configuration
Register is readable any time, however, writing the
Configuration Register is restricted to times when the
Embedded Algorithm™ is not active. If the user at-
tempts to write the Configuration Register while the
Embedded Algorithm™ is active, the write operation is
ignored and the contents of the Configuration Register
remain unchanged.
The Configuration Register is a 16 bit data field which
is accessed by DQ15–DQ0. Data on DQ31–DQ16 is
ignored during a write operation when WORD# = V
IL.
During a read operation, DQ31–DQ16 returns all ze-
roes. Table 9 shows the Configuration Register. Also,
Configuration Register reads operate the same as Au-
toselect command reads. When the command is is-
sued, the bank address is latched along with the
command. Reads operations to the bank that was
specified during the Configuration Register read com-
mand return Configuration Register contents. Read
operations to the other bank return flash memory data.
Either bank address is permitted when writing the
Configuration Register read command.
Table 9.
Configuration Register Definitions
CR15
CR14
CR13
CR12
CR11
CR10
CR9
CR8
RM
Reserved
IAD3
IAD2
IAD1
IAD0
DOC
WC
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
BS
CC
Reserved
Reserved
Reserved
BL2
BL1
BL0
Configuration Register
CR15 = Read Mode (RM)
0 = Synchronous Burst Reads Enabled
1 = Asynchronous Reads Enabled (Default)
CR14 = Reserved for Future Enhancements
These bits are reserved for future use. Set these bits to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com