Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBI Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBI Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBI Datasheet HTML 33Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 34Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 35Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 36Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 37Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 38Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 39Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 40Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
June 7, 2006
Am29BDD160G
35
The Reset command does not disable the SecSi sec-
tor if it is enabled. This function is only accomplished
by issuing the SecSi Sector Exit command.
Autoselect Command
Flash memories are intended for use in applications
where the local CPU alters memory contents. As such,
manufacturer and device codes must be accessible
while the device resides in the target system. PROM
programmers typically access the signature codes by
raising A9 to V
ID. However, multiplexing high voltage
onto the address lines is not generally desired system
design practice.
The Am29BDD160 contains an Autoselect Command
operation to supplement traditional PROM program-
ming methodology. The operation is initiated by writing
the Autoselect command sequence into the command
register. The bank address (BA) is latched during the
autoselect command sequence write operation to dis-
tinguish which bank the Autoselect command refer-
ences. Reading the other bank after the Autoselect
command is written results in reading array data from
the other bank and the specified address. Following
the command write, a read cycle from address
(BA)XX00h retrieves the manufacturer code of
(BA)XX01h. Three sequential read cycles at ad-
dresses (BA) XX01h, (BA) XX0Eh, and (BA) XX0Fh
read the three-byte device ID (see Tables 19 and 20).
All manufacturer and device codes exhibit odd parity
with the MSB of the lower byte (DQ7) defined as the
parity bit.
(The Autoselect Command requires the user to exe-
cute the Read/Reset command to return the device
back to reading the array contents.)
Program Command Sequence
Programming is a four-bus-cycle operation. The pro-
gram command sequence is initiated by writing two
unlock write cycles, followed by the program set-up
command. The program address and data are written
next, which in turn initiate the Embedded Program al-
gorithm. The system is not required to provide further
controls or timings. The device automatically gener-
ates the program pulses and verifies the programmed
cell margin. Tables 18 and 20 shows the address and
data requirements for the program command se-
quence.
During the Embedded Program algorithm, the system
can determine the status of the program operation by
using DQ7, DQ6, or RY/BY#. (See Write Operation
Status for information on these status bits.) When the
Embedded Program algorithm is complete, the device
returns to reading array data and addresses are no
longer latched. Note that an address change is re-
quired to begin read valid array data.
Except for Program Suspend, any commands written
to the device during the Embedded Program Algorithm
are ignored. Note that a hardware reset immediately
terminates the programming operation. The command
sequence should be reinitiated once that bank has re-
turned to reading array data, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from a “0” back to a “1”. Attempting to do so may
halt the operation and set DQ5 to “1,” or cause the
Data# Polling algorithm to indicate the operation was
successful. However, a succeeding read will show that
the data is still “0”. Only erase operations can convert
a “0” to a “1”.
Accelerated Program Command
The Accelerated Chip Program mode is designed to
improve the Word or Double Word programming
speed. Improving the programming speed is accom-
plished by using the ACC pin to supply both the word-
line voltage and the bitline current instead of using the
V
PP pump and drain pump, which is limited to 2.5 mA.
Because the external ACC pin is capable of supplying
significantly large amounts of current compared to the
drain pump, all 32 bits are available for programming
with a single programming pulse. This is an enormous
improvement over the standard 5-bit programming. If
the user is able to supply an external power supply
and connect it to the ACC pin, significant time savings
are realized.
In order to enter the Accelerated Program mode, the
ACC pin must first be taken to V
HH (12 V ± 0.5 V) and
followed by the one-cycle command with the program
address and data to follow. The Accelerated Chip Pro-
gram command is only executed when the device is in
Unlock Bypass mode and during normal read/reset
operating mode.
In this mode, the write protection function is bypassed
unless the PPB Lock Bit = 1.
The Accelerated Program command is not permitted if
the SecSi sector is enabled.
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram words to the device faster than using the stan-
dard program command sequence. The unlock bypass
command sequence is initiated by first writing two un-
lock cycles. This is followed by a third write cycle con-
taining the unlock bypass command, 20h. The device
then enters the unlock bypass mode. A two-cycle un-
lock bypass program command sequence is all that is
required to program in this mode. The first cycle in this
sequence contains the unlock bypass program com-
mand, A0h; the second cycle contains the program
address and data. Additional data is programmed in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com