Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBI Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBI Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBI Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 12Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 15Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 16Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
12
Am29BDD160G
June 7, 2006
Legend:
L = Logic Low = V
IL, H = Logic High = VIH, X = Don’t care.
Notes:
1. DQ31–DQ16 are HIGH Z when WORD# = VIL
2. When WORD# = V
IL, DQ31-DQ16 are floating
3. WP# controls the two outermost sectors of the top boot block or the two outermost sectors of the bottom boot block.
4. DQ0 reflects the sector PPB (or sector group PPB) and DQ1 reflects the DYB
5. Addresses are A0:A18 for the x32 mode and A–1:A18 for x16 mode.
Table 1.
Device Bus Operation
Operation
CE#
OE#
WE#
RESET#
CLK
ADV#
Addresses
(Note 1)
Data
(DQ0–DQ31)
Autoselect Manufacturer Code
L
L
H
H
X
X
A9 = V
ID, A6 = L,
A1 = L, A0 = L
0000001h
(Note 2)
Read Cycle 1
L
L
H
H
X
X
A9 = V
ID, A6 = L,
A1 = L, A0 = H
000007Eh
(Note 2)
Read Cycle 2
L
L
H
H
X
X
A9 = V
ID,
A7–A0 = 0Eh
0000008h
Read Cycle 3
LL
H
H
X
X
A9 = V
ID,
A7–A0 = 0Fh
Top Boot Block
0000000h
Bottom Boot
Block
0000001h
Read
L
L
H
H
X
X
AIN
DOUT
Write
L
H
L
H
X
X
AIN
DIN
Standby (CE#)
H
X
X
H
X
X
X
HIGH Z
Output Disable
L
H
H
H
X
X
HIGH Z
HIGH Z
Reset
X
X
X
L
X
X
X
HIGH Z
PPB Protection Status (Note 4)
L
L
H
H
X
X
Sector Address,
A9 = V
ID,
A7 – A0 = 02h
00000001h,
(protected)
A6 = H
00000000h
(unprotect)
A6 = L
Burst Read Operations
Load Starting Burst Address
LX
H
H
A
IN
X
Advance Burst to next address
with appropriate Data presented
on the Data bus
LL
H
H
H
X
Burst Data Out
Terminate Current Burst Read
Cycle
HX
H
H
X
X
HIGH Z
Terminate Current Burst Read
Cycle with RESET#
XX
H
L
X
X
X
HIGH Z
Terminate Current Burst Read
Cycle; Start New Burst Read
Cycle
LH
H
H
AIN
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com