Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBI Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBI Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBI Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 12Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 15Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
10
Am29BDD160G
June 7, 2006
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am29BDD160
G
T
54
D
PB
E
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-Free Package
E
=
Extended (–40
°C to +125°C)
K
=
Extended (–40
°C to +125°C) with Pb-Free Package
PACKAGE TYPE
K
=
80-Pin Plastic Quad Flat Package (PQFP) PQR080
PB
=
80-Ball Fortified Ball Grid Array (Fortified BGA)
1.0 mm pitch, 13 x 11 mm package (LAA080)
CLOCK RATE
A
=
40 MHz
C
=
56 MhZ
D
=
66 MHz
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
G
=
0.17 µm
DEVICE NUMBER/DESCRIPTION
Am29BDD160G
16 Megabit (1 M x 16-Bit/512 K x 32-Bit)
CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Valid Combinations for
PFQP Packages
AM29BDD160GT54D,
AM29BDD160GB54D
KI, KE,
KF, KK
AM29BDD160GT64C,
AM29BDD160GB64C
AM29BDD160GT65A,
AM29BDD160GB65A
Valid Combinations for Fortified BGA Packages
Order Number
Package Marking
AM29BDD160GT54D,
AM29BDD160GB54D
PBI,
PBE
BD160GT54D,
BD160GB54D
I, E,
F, K
AM29BDD160GT64C,
AM29BDD160GB64C
BD160GT64C,
BD160GB64C
AM29BDD160GT65A,
AM29BDD160GB65A
BD160GT65A,
BD160GB65A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com