Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBI Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBI Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBI Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 26Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 27Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 28Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 29Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
24
Am29BDD160G
June 7, 2006
Initial Access Delay Configuration
The frequency configuration informs the device of the
number of clocks that must elapse after ADV# is
driven active before data will be available. This value
is determined by the input clock frequency.
SECTOR PROTECTION
The Am29BDD160 features several levels of sector
protection, which can disable both the program and
erase operations in certain sectors or sector groups
Sector and Sector Groups
The distinction between sectors and sector groups is
fundamental to sector protection. Sector are individual
sectors that can be individually sector protected/un-
protected. These are the outermost 4 kword boot sec-
tors, that is, SA0 to SA7 and SA38 to SA45. See
tables 11 and 12.
Sector groups are a collection of three or four adjacent
32 kword sectors. For example, sector group SG8 is
comprised of sector SA8 to SA10. When any sector in
a sector group is protected/unprotected, every sector
in that group is protection/unprotected. See Tables 11
and 12.
Persistent Sector Protection
A command sector protection method that replaces
the old 12 V controlled protection method.
Password Sector Protection
A highly sophisticated protection method that requires
a password before changes to certain sectors or sec-
tor groups are permitted
WP# Hardware Protection
A write protect pin that can prevent program or erase
to the two outermost 8 Kbytes sectors in the 75% bank
All parts default to operate in the Persistent Sector
Protection mode. The customer must then choose if
the Persistent or Password Protection method is most
desirable. There are two one-time programmable
non-volatile bits that define which sector protection
method will be used. If the customer decides to con-
tinue using the Persistent Sector Protection method,
they must set the Persistent Sector Protection
Mode Locking Bit. This will permanently set the part
to operate only using Persistent Sector Protection. If
the customer decides to use the password method,
they must set the Password Mode Locking Bit. This
will permanently set the part to operate only using
password sector protection.
It is important to remember that setting either the Per-
sistent Sector Protection Mode Locking Bit or the
Password Mode Locking Bit permanently selects
the protection mode. It is not possible to switch be-
tween the two methods once a locking bit has been
set. It is important that one mode is explicitly se-
lected when the device is first programmed, rather
than relying on the default mode alone. This is so
that it is not possible for a system program or virus to
later set the Password Mode Locking Bit, which would
cause an unexpected shift from the default Persistent
Sector Protection Mode into the Password Protection
Mode.
The WP# Hardware Protection feature is always avail-
able, independent of the software managed protection
method chosen.
Persistent Sector Protection
The Persistent Sector Protection method replaces the
old 12 V controlled protection method while at the
same time enhancing flexibility by providing three dif-
ferent sector protection states:
■ Persistently Locked—A sector is protected and
cannot be changed.
■ Dynamically Locked—The sector is protected and
can be changed by a simple command
■ Unlocked—The sector is unprotected and can be
changed by a simple command
Table 10.
Configuration Register After Device Reset
CR15
CR14
CR13
CR12
CR11
CR10
CR9
CR8
RM
Reserve
IAD3
IAD2
IAD1
IAD0
DOC
WC
1001110
0
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
BS
CC
Reserve
Reserve
Reserve
BL2
BL1
BL0
1100010
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com