Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019IP Datasheet(PDF) 2 Page - SMSC Corporation

Part # COM20019IP
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019IP Datasheet(HTML) 2 Page - SMSC Corporation

  COM20019IP Datasheet HTML 1Page - SMSC Corporation COM20019IP Datasheet HTML 2Page - SMSC Corporation COM20019IP Datasheet HTML 3Page - SMSC Corporation COM20019IP Datasheet HTML 4Page - SMSC Corporation COM20019IP Datasheet HTML 5Page - SMSC Corporation COM20019IP Datasheet HTML 6Page - SMSC Corporation COM20019IP Datasheet HTML 7Page - SMSC Corporation COM20019IP Datasheet HTML 8Page - SMSC Corporation COM20019IP Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
2
DISCONTINUED DATASHEET
proven networking scheme, and a data rate of up
to 312.5 Kbps when using the COM20019.
A token-passing protocol provides predictable
response times because each network event
occurs within a predetermined time interval, based
upon the number of nodes on the network. The
deterministic nature of ARCNET is essential in
real time applications. The integration of the 2Kx8
RAM buffer on-chip, the Command Chaining
feature, the maximum data rate, and the internal
diagnostics make the COM20019 the highest
performance embedded communications device
available. With only one COM20019 and one
microcontroller, a complete communications node
may be implemented.
ORDERING INFORMATION:
Order Numbers:
COM20019ILJP
28 pin PLCC Package
COM20019IP
24 pin DIP Package
COM20019I-HD
48 pin TQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com