Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019IP Datasheet(PDF) 39 Page - SMSC Corporation

Part # COM20019IP
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019IP Datasheet(HTML) 39 Page - SMSC Corporation

Back Button COM20019IP Datasheet HTML 35Page - SMSC Corporation COM20019IP Datasheet HTML 36Page - SMSC Corporation COM20019IP Datasheet HTML 37Page - SMSC Corporation COM20019IP Datasheet HTML 38Page - SMSC Corporation COM20019IP Datasheet HTML 39Page - SMSC Corporation COM20019IP Datasheet HTML 40Page - SMSC Corporation COM20019IP Datasheet HTML 41Page - SMSC Corporation COM20019IP Datasheet HTML 42Page - SMSC Corporation COM20019IP Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
39
DISCONTINUED DATASHEET
The software flow for controlling the Configuration,
Node ID, Tentative ID, and Next ID registers is
generally limited to the initialization sequence and
the maintenance of the network map.
Additionally, it is necessary to understand the
details of how the other Internal Registers are
used in the transmit and receive sequences and to
know how the internal RAM buffer is properly set
up. The sequence of events that tie these actions
together is discussed as follows.
Selecting RAM Page Size
During normal operation, the 2K x 8 of RAM is
divided into four pages of 512 bytes each. The
page to be used is specified in the "Enable
Transmit (Receive) from (to) Page fnn" command,
where "nn" specifies page 0, 1, 2, or 3.
This
allows the user to have constant control over the
allocation of RAM.
When the Offset bit "f" (bit 5 of the "Enable
Transmit (Receive) from (to) Page fnn" command
word) is set to logic "1", an offset of 256 bytes is
added to the page specified. For example: to
transmit from the second half of page 0, the
command "Enable Transmit from Page fnn"
(fnn=100 in this case) is issued by writing 0010
0011 to the Command Register. This allows a
finer resolution of the buffer pages without
affecting software compatibility. This scheme is
useful for applications which frequently use packet
sizes
of
256 bytes
or
less,
especially for
microcontroller
systems
with
limited memory
capacity.
The remaining portions of the buffer
pages which are not allocated for current transmit
or receive packets may be used as temporary
storage for previous network data, packets to be
sent later, or as extra memory for the system,
which may be indirectly accessed.
If the device is configured to handle both long and
short
packets
(see
"Define
Configuration"
command), then receive pages should always be
512 bytes long because the user never knows
what the length of the receive packet will be. In
this case, the transmit pages may be made 256
bytes long, leaving at least 512 bytes free at any
given time.
Even if the Command Chaining
operation
is
being
used,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com