Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019IP Datasheet(PDF) 43 Page - SMSC Corporation

Part # COM20019IP
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019IP Datasheet(HTML) 43 Page - SMSC Corporation

Back Button COM20019IP Datasheet HTML 39Page - SMSC Corporation COM20019IP Datasheet HTML 40Page - SMSC Corporation COM20019IP Datasheet HTML 41Page - SMSC Corporation COM20019IP Datasheet HTML 42Page - SMSC Corporation COM20019IP Datasheet HTML 43Page - SMSC Corporation COM20019IP Datasheet HTML 44Page - SMSC Corporation COM20019IP Datasheet HTML 45Page - SMSC Corporation COM20019IP Datasheet HTML 46Page - SMSC Corporation COM20019IP Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
43
DISCONTINUED DATASHEET
The "Disable Transmitter" command may be used
to cancel any pending transmit command when
the COM20019 next receives the token. Normally,
in an active network, this command will set the TA
status bit to a logic "1" when the token is received.
If the "Disable Transmitter" command does not
cause the TA bit to be set in the time it takes the
token to make a round trip through the network,
one of three situations exists. Either the node is
disconnected from the network, or there are no
other nodes on the network, or the external
receive circuitry has failed. These situations can
be determined by either using the improved
diagnostic features of the COM20019 or using
another software timeout which is greater than the
worst case time for a round trip token pass, which
occurs when all nodes transmit a maximum length
message.
Receive Sequence
A receive sequence begins with the RI status bit
becoming a logic "1", which indicates that a
previous
reception
has
concluded.
The
microcontroller
will
be
interrupted
if
the
corresponding bit in the Interrupt Mask Register is
set to logic "1". Otherwise, the microcontroller
must periodically check the Status Register. Once
the microcontroller is alerted to the fact that the
previous reception has concluded, it may issue
the "Enable Receive to Page fnn" command,
which resets the RI bit to logic "0" and selects a
new page in
the RAM buffer. Again, the appropriate buffer size
is
specified
in
the
"Define
Configuration"
command. Typically, the page which just received
the data packet will be read by the microcontroller
at this point. Once the "Enable Receive to Page
fnn" command is issued, the microcontroller
attends to other duties.
There is no way of
knowing how long the new reception will take,
since another node may transmit a packet at any
time. When another
node
does
transmit a
packet
to
this
node,
and
if
the
"Define
Configuration"
command
has
enabled
the
reception
of
long
packets,
the
COM20019
interprets the packet as either a long or short
packet, depending on whether the content of the
buffer location 2 is zero or non-zero. The format
of the buffer is shown in Figure 9. Address 0
contains the Source Identifier (SID), Address 1
contains the Destination Identifier (DID), and
Address 2 contains, for short packets, the value
256-N, where N represents the message length,
or for long packets, the value 0, indicating that it is
indeed a long packet. In the latter case, Address
3 contains the value 512-N, where N represents
the message length. Note that on reception, the
COM20019 deposits packets into the RAM buffer
in the same format that the transmitting node
arranges them, which allows for a message to be
received
and
then
retransmitted
without
rearranging any bytes in the RAM buffer other
than the SID and DID. Once the packet is
received and stored correctly in the selected
buffer, the COM20019 sets the RI bit to logic "1"
to signal the microcontroller that the reception is
complete.
TRI
RI
TA
POR
TEST
RECON
TMA
TTA
TMA
TTA
TRI
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com