Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019IP Datasheet(PDF) 27 Page - SMSC Corporation

Part # COM20019IP
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019IP Datasheet(HTML) 27 Page - SMSC Corporation

Back Button COM20019IP Datasheet HTML 23Page - SMSC Corporation COM20019IP Datasheet HTML 24Page - SMSC Corporation COM20019IP Datasheet HTML 25Page - SMSC Corporation COM20019IP Datasheet HTML 26Page - SMSC Corporation COM20019IP Datasheet HTML 27Page - SMSC Corporation COM20019IP Datasheet HTML 28Page - SMSC Corporation COM20019IP Datasheet HTML 29Page - SMSC Corporation COM20019IP Datasheet HTML 30Page - SMSC Corporation COM20019IP Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
27
DISCONTINUED DATASHEET
network until the TXEN bit of the Configuration
Register is set. While the Transmitter is disabled,
the Receiver portion of the device is still functional
and will provide the user with useful information
about the network. The Node ID Register defaults
to the value 0000 0000 upon hardware reset only.
Next ID Register
The Next ID Register is an 8-bit, read-only
register, accessed when the sub-address bits are
set
up
accordingly
(please
refer
to
the
Configuration Register and SUB ADR Register).
The Next ID Register holds the value of the Node
ID to which the COM20019 will pass the token.
When used in conjunction with the Tentative ID
Register, the Next ID Register can provide a
complete network map. The Next ID Register is
updated each time a node enters/leaves the
network or when a network reconfiguration occurs.
Each time the microsequencer updates the Next
ID Register, a New Next ID interrupt is generated.
This bit is cleared by reading the Next ID Register.
Default value is 0000 0000 upon hardware or
software reset.
Status Register
The COM20019 Status Register is an 8-bit read-
only register. All of the bits, except for bits 5 and
6, are software compatible with previous SMSC
ARCNET devices.
In previous SMSC ARCNET
devices
the
Extended
Timeout
status
was
provided in bits 5 and 6 of the Status Register. In
the COM20019, the COM20020, the COM90C66,
and the COM90C165, COM20020-5, COM20051
and COM20051+ these bits exist in and are
controlled by the Configuration Register.
The
Status Register contents are defined as in Table
4, but are defined differently during the Command
Chaining operation. Please refer to the Command
Chaining section for the definition of the Status
Register during Command Chaining operation.
The Status Register defaults to the value 1XX1
0001 upon either hardware or software reset.
Diagnostic Status Register
The Diagnostic Status Register contains seven
read-only bits which help the user troubleshoot
the
network
or
node
operation.
Various
combinations of these bits and the TXEN bit of the
Configuration
Register
represent
different
situations. All of these bits, except the Excessive
NAcK bit and the New Next ID bit, are reset to
logic "0" upon reading the Diagnostic Status
Register or upon software or hardware reset. The
EXCNAK bit is reset by the "POR Clear Flags"
command or upon software or hardware reset.
The Diagnostic Status Register defaults to the
value 0000 000X upon either hardware or
software reset.
Command Register
Execution
of
commands
are
initiated
by
performing microcontroller writes to this register.
Any
combinations
of
written data other than
those listed in Table 5 are not permitted and may
result in incorrect chip and/or network operation.
Address Pointer Registers
These read/write registers are each 8-bits wide
and are used for addressing the internal RAM.
New pointer addresses should be written by first
writing to the High Register and then writing to the
Low Register because writing to the Low Register
loads the address. The contents of the Address
Pointer High and Low Registers are undefined
upon hardware reset. Writing to Address Pointer
low loads the address.
Configuration Register
The Configuration Register is a read/write register
which is used to configure the different modes of
the COM20019.
The Configuration Register
defaults to the value 0001 1000 upon hardware
reset only. SUBAD0 and SUBAD1 point to the
selection in Register 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com