Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019IP Datasheet(PDF) 35 Page - SMSC Corporation

Part # COM20019IP
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019IP Datasheet(HTML) 35 Page - SMSC Corporation

Back Button COM20019IP Datasheet HTML 31Page - SMSC Corporation COM20019IP Datasheet HTML 32Page - SMSC Corporation COM20019IP Datasheet HTML 33Page - SMSC Corporation COM20019IP Datasheet HTML 34Page - SMSC Corporation COM20019IP Datasheet HTML 35Page - SMSC Corporation COM20019IP Datasheet HTML 36Page - SMSC Corporation COM20019IP Datasheet HTML 37Page - SMSC Corporation COM20019IP Datasheet HTML 38Page - SMSC Corporation COM20019IP Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
35
DISCONTINUED DATASHEET
Table 11 - Setup 1 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Pulse1 Mode
P1MODE
This bit determines the type of PULSE1 output driver used
in Backplane Mode. When high, a push/pull output is used.
When low, an open drain output is used. The default is
open drain.
6
Four NACKS
FOUR
NACKS
This bit, when set, will cause the EXNACK bit in the
Diagnostic Status Register to set after four NACKs to Free
Buffer Enquiry are detected by the COM20019. This bit,
when reset, will set the EXNACK bit after 128 NACKs to
Free Buffer Enquiry. The default is 128.
5
Reserved
Do not set.
4
Receive All
RCVALL
This bit, when set, allows the COM20019 to receive all valid
data packets on the network, regardless of their destination
ID. This mode can be used to implement a network monitor
with the transmitter on- or off-line. Note that ACKs are only
sent for packets received with a destination ID equal to the
COM20019's programmed node ID. This feature can be
used to put the COM20019 in a 'listen-only' mode, where
the transmitter is disabled and the COM20019 is not
passing tokens. Defaults low.
3,2,1
Clock Prescaler Bits
3,2,1
CKP3,2,1
These bits are used to determine the data rate of the
COM20019. The following table is for a 20 MHz crystal:
CKP3
0
1
CKP2
1
0
CKP1
1
0
DIVISOR
64
128
SPEED
312.5 Kbs
156.25 Kbs
NOTE: The lowest data rate achievable by the COM20019
is 156.25 Kbs. Defaults to 011 or 312.5 Kbps.
0
Slow Arbitration
Select
SLOWARB
This bit, when set, will divide the arbitration clock by 2.
Memory cycle times will increase when slow arbitration is
selected.
Defaults to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com