Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019IP Datasheet(PDF) 49 Page - SMSC Corporation

Part # COM20019IP
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019IP Datasheet(HTML) 49 Page - SMSC Corporation

Back Button COM20019IP Datasheet HTML 45Page - SMSC Corporation COM20019IP Datasheet HTML 46Page - SMSC Corporation COM20019IP Datasheet HTML 47Page - SMSC Corporation COM20019IP Datasheet HTML 48Page - SMSC Corporation COM20019IP Datasheet HTML 49Page - SMSC Corporation COM20019IP Datasheet HTML 50Page - SMSC Corporation COM20019IP Datasheet HTML 51Page - SMSC Corporation COM20019IP Datasheet HTML 52Page - SMSC Corporation COM20019IP Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
49
DISCONTINUED DATASHEET
The
Receive
Activity
(RCVACT)
bit
of
the
Diagnostic Status Register will be set to a logic "1"
whenever activity (logic "1") is detected on the
RXIN pin.
The Token Seen (TOKEN) bit is set to a logic "1"
whenever any token has been seen on the
network (except those tokens transmitted by this
node).
The RCVACT and TOKEN bits may help the user
to troubleshoot the network or the node. If unusual
events are occurring on the network, the user may
find it valuable to use the TXEN bit of the
Configuration Register to qualify events. Different
combinations of the RCVACT, TOKEN, and TXEN
bits, as shown indicate different situations:
Normal Results:
RCVACT=1, TOKEN=1, TXEN=0:
The node is
not part of the network. The network is operating
properly without this node.
RCVACT=1, TOKEN=1, TXEN=1: The node sees
receive activity and sees the token.
The basic
transmit function is enabled. Network and node
are operating properly.
MYRECON=0, DUPID=0, RCVACT=1, TXEN=0,
TOKEN=1: Single node network.
Abnormal Results:
RCVACT=1, TOKEN=0, TXEN=X:
The node
sees receive activity, but does not see the token.
Either no other nodes exist on the network, some
type of data corruption exists, the media driver is
malfunctioning, the topology is set up incorrectly,
there is noise on the network, or a reconfiguration
is occurring.
RCVACT=0, TOKEN=0, TXEN=1:
No receive
activity is seen and the basic transmit function is
enabled. The transmitter and/or receiver are not
functioning properly.
RCVACT=0, TOKEN=0, TXEN=0:
No receive
activity and basic transmit function disabled. This
node is not connected to the network.
The Excessive NAK (EXCNAK) bit is used to
replace
a
timeout
function
traditionally
implemented in software.
This function is
necessary to limit the number of times a sender
issues a FBE to a node with no available buffer.
When the destination node replies to 128 FBEs
with 128 NAKs or 4 FBEs with 4 NAKs, the
EXCNAK bit of the sender is set, generating an
interrupt. At this point the software may abandon
the transmission via the "Disable Transmitter"
command. This sets the TA bit to logic "1" when
the node next receives the token, to allow a
different transmission to occur. The timeout value
for the EXNACK bit (128 or 4) is determined by
the FOUR-NAKS bit on the Setup1 Register.
The user may choose to wait for more NAK's
before
disabling
the
transmitter
by
taking
advantage of the wraparound counter of the
EXCNAK bit. When the EXCNAK bit goes high,
indicating 128 or 4 NAKs, the "POR Clear Flags"
command maybe issued to reset the bit so that it
will go high again after another count of 128 or 4.
The software may count the number of times the
EXCNAK bit goes high, and once the final count is
reached, the "Disable Transmitter" command may
be issued.
The New Next ID bit permits the software to
detect the withdrawal or addition of nodes to the
network.
The Tentative ID bit allows the user to build a
network map of those nodes existing on the
network.
This feature is useful because it
minimizes the need for human intervention. When
a value placed in the Tentative ID Register
matches the Node ID of another node on the
network, the TENTID bit is set, telling the software
that this NODE ID already exists on the network.
The software should periodically place values in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com