Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC2.0 Datasheet(PDF) 13 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 9Page - SMSC Corporation IRCC2.0 Datasheet HTML 10Page - SMSC Corporation IRCC2.0 Datasheet HTML 11Page - SMSC Corporation IRCC2.0 Datasheet HTML 12Page - SMSC Corporation IRCC2.0 Datasheet HTML 13Page - SMSC Corporation IRCC2.0 Datasheet HTML 14Page - SMSC Corporation IRCC2.0 Datasheet HTML 15Page - SMSC Corporation IRCC2.0 Datasheet HTML 16Page - SMSC Corporation IRCC2.0 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
13
Receiver Bit Cell Synchronization
The
Consumer
IR
Receiver
demodulates
incoming ASK waveforms into NRZ data for the
SCE.
The IrCC 2.0 uses the edges of the
demodulated incoming infrared data to indicate
changes in bit state.
For continuous periods of high or low data
without transitions, the IrCC 2.0 samples the
signal level in the center of each incoming bit
period.
Using
the
Receiver
Bit
Cell
Synchronization
mechanism,
any
transition
resets the timer that is used in the sampling
process
to
eliminate
errors
due
to
timing
differences between the receive decoder and the
incoming bit period (Figure 6).
Receiver synchronization can be disabled to
allow
direct
sampling
of
the
demodulated
incoming infrared data stream at some preset
receive bit rate. This is useful in situations where
the speed of the receive data is not strictly
known. In such cases, the receive bit rate is set
as high as possible, the
Receiver Bit Cell
Synchronization is disabled, and the system
software is used to measure the bit-cell period
from the oversampled data.
The learned
parameters can then be used to switch to the
synchronized, fixed bit-cell mode to reduce
processing overhead in the host CPU for all
future transactions.
10
1
SCE Tx Data
TV Tx Output
Transmitter
TV Rx Input
SCE Rx Data
Driver
Receiver
1/Carrier
1/Bit Rate
No Light
Light
Light
No Light
Tx Polarity bit = 1 (default)
Rx Polarity bit = 0 (default)
FIGURE 5 - REMOTE CONTROL ASK ENCODE/DECODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com