Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC2.0 Datasheet(PDF) 21 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 17Page - SMSC Corporation IRCC2.0 Datasheet HTML 18Page - SMSC Corporation IRCC2.0 Datasheet HTML 19Page - SMSC Corporation IRCC2.0 Datasheet HTML 20Page - SMSC Corporation IRCC2.0 Datasheet HTML 21Page - SMSC Corporation IRCC2.0 Datasheet HTML 22Page - SMSC Corporation IRCC2.0 Datasheet HTML 23Page - SMSC Corporation IRCC2.0 Datasheet HTML 24Page - SMSC Corporation IRCC2.0 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
21
BOF Counting
The IrCC 2.0 can account for system-dependent
limitations such as long interrupt latencies and
transceiver stabilization times by increasing the
number of STA flags at the beginning of every
HDLC frame (Figure 14).
The BOF COUNT register contains the number
additional start flags that are to be appended to
the standard BOF characters.
Note: The BOF
COUNT extensions only apply to messages that
start from an idle line state; i.e., BOF counting
does not apply to brick walled messages.
Back-to-Back Frame Transmission
Back-to-back, or brick walled frames are allowed
with two or more flags, '7E'hex, in between. If
two consecutive frames are not back-to-back, the
gap between the last STO flag of the first frame
and the first STA field of the second frame are
separated by at least seven bit times (abort
sequence).
The IrDA FIR 1.152 Mbps and 0.576 Mbps
physical layer specification allows back-to-back
message packets with three flag characters,
which act as the closing flag of the first frame
and the opening flags of the brick, walled packet.
Additional flags can be added by programming
the Brick Wall Count register (Figure 15). Note:
The BOF COUNT extensions do not apply to
brick walled messages.
ADDR
8-bit Address
Field
STA
'01111110'
binary
DATA
8-bit Control field plus up to 2K - 3 bytes
Information Field
STA
'01111110'
binary
BOF COUNT register
Appends 0 - 4095 Flags to
Beginning of Frame
FIGURE 14 - EXTENDED BEGINNING-OF-FRAME
ADDR
8-bit Address
Field
STO
'01111110'
binary
FCS
CCITT 16-bit
CRC
DATA
8-bit Control field plus up to 2K - 3 bytes
Information Field
Brick Walled Frame
Previous
Frame
STA
'01111110'
binary
BW COUNT register
Inserts 0 - 4095 Flags between
Brick Walled Frames
STA
'01111110'
binary
FIGURE 15 - BRICK WALLED HDLC FRAMES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com