Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC2.0 Datasheet(PDF) 4 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 4 Page - SMSC Corporation

  IRCC2.0 Datasheet HTML 1Page - SMSC Corporation IRCC2.0 Datasheet HTML 2Page - SMSC Corporation IRCC2.0 Datasheet HTML 3Page - SMSC Corporation IRCC2.0 Datasheet HTML 4Page - SMSC Corporation IRCC2.0 Datasheet HTML 5Page - SMSC Corporation IRCC2.0 Datasheet HTML 6Page - SMSC Corporation IRCC2.0 Datasheet HTML 7Page - SMSC Corporation IRCC2.0 Datasheet HTML 8Page - SMSC Corporation IRCC2.0 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
4
INTERFACE DESCRIPTION
The Interface Description lists the signals that
are required to place the IrCC 2.0 in a larger
chip-level context.
There are four groups of signals in this section:
PORT signals, HOST BUS controls, SYSTEM
controls, and CHIP-LEVEL CONFIGURATION
controls.
PORTS
The four Ports (IR, COM, AUX, and General
Purpose) provide external access for serial data
and controls.
The active IrCC 2.0 encoder is
routed through the Output Multiplexer to either
the IR, COM, or AUX port. The General Purpose
port provides external access for controls that
are independent of the IrCC 2.0 Block Control
bits or the Output Multiplexer.
Table 1 - IR Port Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
IRRx
1
Input
Infrared Receive Data
IRTx
1
Output
Infrared Transmit Data
Table 2 - COM Port Signals
NAME
SIZE (BITS)
TYPE
DESCRIPTION
CRx
1
Input
COM Receive Data
CTx
1
Output
COM Transmit Data
nRTS
1
Output
Request to Send
nDTR
1
Output
Data Terminal Ready
nCTS
1
Input
Clear To Send
nDSR
1
Input
Data Set Ready
nDCD
1
Input
Data Carrier Detect
nRI
1
Input
Ring Indicator
Table 3 - AUX Port Signals
(E.g., can be used for high-current drivers for Consumer IR)
NAME
SIZE (BITS)
TYPE
DESCRIPTION
ARx
1
Input
Aux. Receive Data
ATx
1
Output
Aux. Transmit Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com