Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC2.0 Datasheet(PDF) 7 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 3Page - SMSC Corporation IRCC2.0 Datasheet HTML 4Page - SMSC Corporation IRCC2.0 Datasheet HTML 5Page - SMSC Corporation IRCC2.0 Datasheet HTML 6Page - SMSC Corporation IRCC2.0 Datasheet HTML 7Page - SMSC Corporation IRCC2.0 Datasheet HTML 8Page - SMSC Corporation IRCC2.0 Datasheet HTML 9Page - SMSC Corporation IRCC2.0 Datasheet HTML 10Page - SMSC Corporation IRCC2.0 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
7
Table 7 - IrCC 2.0-Specific Chip-Level Controls
NAME
SIZE (BITS)
TYPE
DESCRIPTION
DMA Channel
4
Input
ISA DMA Channel Number
IRQ Level
4
Input
ISA Interrupt Level
Software Select A
8
Input
Software Programmable Register A
Software Select B
8
Input
Software Programmable Register B
DMA Channel
4 bit bus from a chip-level configuration register,
used to identify the current IrCC 2.0 DMA
channel number. The value appears in the upper
nibble of IrCC 2.0 Register Block Three, Address
Four.
IRQ Level
4 bit bus from a chip-level configuration register,
used to identify the current IrCC 2.0 IRQ level.
The value appears in the lower nibble of IrCC 2.0
Register Block Three, Address Four.
Software Select A/B
The 8 bit Software Select A and Software Select
B inputs come from software-only programmable
chip-level configuration controls. The values on
these buses appear in IrCC 2.0 Register Block
Three, Addresses Five and Six.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com