Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC2.0 Datasheet(PDF) 39 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 35Page - SMSC Corporation IRCC2.0 Datasheet HTML 36Page - SMSC Corporation IRCC2.0 Datasheet HTML 37Page - SMSC Corporation IRCC2.0 Datasheet HTML 38Page - SMSC Corporation IRCC2.0 Datasheet HTML 39Page - SMSC Corporation IRCC2.0 Datasheet HTML 40Page - SMSC Corporation IRCC2.0 Datasheet HTML 41Page - SMSC Corporation IRCC2.0 Datasheet HTML 42Page - SMSC Corporation IRCC2.0 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
39
REGISTER BLOCK THREE
Register Block Three contains the IrCC 2.0 Block
Identifier Registers.
These read-only registers
classify the hardware Manufacturer, the Device
ID, the Version number, and Host interface
parameters. Bits and registers marked “reserved”
in the table below cannot be written and return 0x
when read. Programmers must set reserved bits
to 0 when writing to registers that contain
reserved bits.
Table 27 - Register Block Three
Address
Direction
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
RO
SMSC ID (high-byte)
'10'hex
0
0
1
RO
SMSC ID (low-byte)
'B8'hex
0
1
0
RO
CHIP ID
'F2'hex
0
1
1
RO
VERSION Number
'00'hex
1
0
0
RO
IRQ Level
DMA Channel
Note 1
1
0
1
RO
Software Select A
Note 1
1
1
0
RO
Software Select B
Note 1
Note 1: The default values for these registers assume the values that have been programmed in chip-
level configuration registers.
SMSC ID (Addresses 0 - 1)
The SMSC ID registers contain a 16 bit
manufacturer identification code.
Address zero
contains the high byte of this code, address one
contains the low byte.
Chip ID (Address 2)
The Chip ID register specifically identifies this
SMSC product.
Version Number (Address 3)
The Version Number register identifies the
revision-level of the product referenced by the
Chip ID register.
IRQ Level/ DMA Channel (Address 4)
IRQ Level, bits 4 - 7
The IRQ Level bits identify the current active IRQ
number for this device.
The value comes
from the 4 bit IRQ Level Bus found in the
Interface Description.
DMA Channel, bits 0 - 3
The DMA Channel bits identify the current active
DMA Channel number for this device. The value
comes from the 4 bit DMA Channel Bus found in
the Interface Description.
Software Select A (Address 5)
The Software Select A register is software-only
controlled from a chip-level configuration register
(see the IrCC 2.0-Specific Chip-Level Controls
section on page 7).
Software Select B (Address 6)
The Software Select B register is software-only
controlled from a chip-level configuration register
(see the IrCC 2.0-Specific Chip-Level Controls
section on page 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com