Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC2.0 Datasheet(PDF) 8 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 4Page - SMSC Corporation IRCC2.0 Datasheet HTML 5Page - SMSC Corporation IRCC2.0 Datasheet HTML 6Page - SMSC Corporation IRCC2.0 Datasheet HTML 7Page - SMSC Corporation IRCC2.0 Datasheet HTML 8Page - SMSC Corporation IRCC2.0 Datasheet HTML 9Page - SMSC Corporation IRCC2.0 Datasheet HTML 10Page - SMSC Corporation IRCC2.0 Datasheet HTML 11Page - SMSC Corporation IRCC2.0 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
8
Table 8 - Legacy Chip-Level Controls
NAME
SIZE (BITS)
TYPE
DESCRIPTION
Tx Polarity
1
Input
Output Mux. Transmit Polarity
Rx Polarity
1
Input
Output Mux. Receive Polarity
Half Duplex
1
Input
16C550A UART Half Duplex
Control
IR Half Duplex Timeout
8
Input
IR Transceiver Turnaround Time
IR Mode
3
Input
IR Mode Register Bits
IR Location
2
Input
IR Option Register Location Bits
Tx Polarity
Typically part of a 16C550A Serial Port Option
Register.
The value also appears in IrCC 2.0
Register Block One, Address Zero.
Rx Polarity
Typically part of a 16C550A Serial Port Option
Register.
The value also appears in IrCC 2.0
Register Block One, Address Zero.
Half Duplex
Typically part of a 16C550A Serial Port Option
Register.
The value also appears in IrCC 2.0
Register Block One, Address Zero.
IR Half Duplex Timeout
Typically part of a 16C550A Serial Port 2
Configuration Register. The value also appears
in IrCC 2.0 Register Block One, Address Zero
(see the IR Half Duplex Timeout Register
(Address 1) on page 42).
IR Mode
Typically part of a 16C550A Serial Port Option
Register. These values are also part of the IrCC
2.0 Block Control bits 3-5, Register Block One,
Address Zero.
IR Location
Typically part of a 16C550A Serial Port IR Option
Register. These values are the IrCC 2.0 Output
Mux bits, Register Block One, Address One.
Note:
These legacy controls are uniformly
updated in the IrCC 2.0 and the Top-Level
Device Configuration Registers only when either
set of registers is explicitly written using IOW or
following a device-level POR. IrCC 2.0 software
resets will not affect the legacy bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com