Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 8Page - SMSC Corporation USB2005 Datasheet HTML 9Page - SMSC Corporation USB2005 Datasheet HTML 10Page - SMSC Corporation USB2005 Datasheet HTML 11Page - SMSC Corporation USB2005 Datasheet HTML 12Page - SMSC Corporation USB2005 Datasheet HTML 13Page - SMSC Corporation USB2005 Datasheet HTML 14Page - SMSC Corporation USB2005 Datasheet HTML 15Page - SMSC Corporation USB2005 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
Revision 0.2 (01-16-07)
12
SMSC USB2005
DATASHEET
General Purpose I/O
GPIO[1:7]
IO20
These general purpose pins may be used
either as inputs, edge sensitive interrupt inputs,
or outputs. When using internal ROM mode,
these pins have the following assignments:
GPIO1: USB SUSPEND Indicator; active high
GPIO2: Optional Serial EEPROM (93LC56
type) Chip Select
GPIO3: USB VBUS Detect Input (can be used
to force the IDE interface to high impedance
state)
GPIO4: Optional Serial EEPROM Data In/Out
GPIO5: ATA Drive Reset
GPIO6: A16 control line for external program
Flash memory when using firmware upgrade
capability (external ROM operation only)
GPIO7: Optional Serial EEPROM Clock output
RESET input
nRESET
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be
at least 100ns wide.
Test input
nTest[0:2]
IP
These signals are used for testing the chip.
User should normally leave them unconnected.
For board continuity testing, all pads (except
RBIAS, FSDP, USBDP, USBDM, FSDM,
RTERM, XTAL1, XTAL2, LOOPFLTR and
nTEST[0:2]) are included in an XNOR chain
which is enabled by pulling nTEST2 low. nIOR
is the output of the chain (the chain begins at
pin 2) and will reflect the toggling of a signal
on each pin. Circuit board continuity of the pin
solder connections after assembly can be
checked in this manner
POWER, GROUNDS, AND NO CONNECTS
VDD
+2.5V Core power
VDDIO
+3.3V I/O power
VDDP
+2.5 Analog power
VSSP
Analog Ground Reference
VDDA
+3.3V Analog power
VSSA
Analog Ground Reference
GND
Ground Reference
NC
No Connect. These pins should not be
connected externally.
Table 5.1 USB2005 Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com