Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 4Page - SMSC Corporation USB2005 Datasheet HTML 5Page - SMSC Corporation USB2005 Datasheet HTML 6Page - SMSC Corporation USB2005 Datasheet HTML 7Page - SMSC Corporation USB2005 Datasheet HTML 8Page - SMSC Corporation USB2005 Datasheet HTML 9Page - SMSC Corporation USB2005 Datasheet HTML 10Page - SMSC Corporation USB2005 Datasheet HTML 11Page - SMSC Corporation USB2005 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
Revision 0.2 (01-16-07)
8
SMSC USB2005
DATASHEET
Chapter 3 Pin Configuration
Figure 3.1 USB2005 STQFP 100 Pin
USB2005
1
25
51
75
RBIAS
VDDA
FS+
USB+
USB-
FS-
RTERM
VSSA
XTAL1/CLKIN
XTAL2
VSSP
LOOPFLTR
VDDP
N.C.
N.C.
MD7
MD6
MD5
MD4
GND
MD3
MD2
MD1
MD0
nRESET
IDE_D3
IDE_D13
IDE_D2
GND
IDE_D14
IDE_D1
IDE_D15
IDE_D0
VDDIO
IDE_DRQ
IDE_nIOW
IDE_nIOR
IORDY
GND
IDE_DACK
IDE_IRQ
IDE_SA1
IDE_SA0
VDD
IDE_SA2
IDE_nCS0
IDE_nCS1
VDDIO
nMWR
nMRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com