Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 12Page - SMSC Corporation USB2005 Datasheet HTML 13Page - SMSC Corporation USB2005 Datasheet HTML 14Page - SMSC Corporation USB2005 Datasheet HTML 15Page - SMSC Corporation USB2005 Datasheet HTML 16Page - SMSC Corporation USB2005 Datasheet HTML 17Page - SMSC Corporation USB2005 Datasheet HTML 18Page - SMSC Corporation USB2005 Datasheet HTML 19Page - SMSC Corporation USB2005 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
Revision 0.2 (01-16-07)
16
SMSC USB2005
DATASHEET
7.2.1
Device Serial Number & Page Length (Bytes 3 & 4...n)
In response to a SCSI INQUIRY Command, the USB2005 firmware will read the “Device Identify
Information” of an IDE drive. The Device Serial Number is created by removing all NULL code (00h)
and BLANK code (20h) characters from the “Device Identify Information” response. The Device Serial
Number is reported in Byte 4...n (see Table 7.2). The number of characters of the Device Serial
Number will be reported as the Page Length (Byte 3) see Table 7.2.
As a simple example, If the Device Identify Information of an IDE drive is 713 740, then the USB2005
will return 713740 as the Device Serial Number with a Page Length of 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com