Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 11Page - SMSC Corporation USB2005 Datasheet HTML 12Page - SMSC Corporation USB2005 Datasheet HTML 13Page - SMSC Corporation USB2005 Datasheet HTML 14Page - SMSC Corporation USB2005 Datasheet HTML 15Page - SMSC Corporation USB2005 Datasheet HTML 16Page - SMSC Corporation USB2005 Datasheet HTML 17Page - SMSC Corporation USB2005 Datasheet HTML 18Page - SMSC Corporation USB2005 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
SMSC USB2005
15
Revision 0.2 (01-16-07)
DATASHEET
Chapter 7 PD-DRM Usage & Description
The USB2005 is a USB 2.0 Mass Storage Class Peripheral Controller intended for use with standard
ATA-5 and -6 hard disk drives in media player applications requiring Portable Device – Digital Rights
Management (PD-DRM) as specified by Microsoft for Windows Media systems. This includes reporting
all media as removable drives and providing the drive serial number to the PC host via the SCSI
Inquiry command.
7.1
SCSI Inquiry Command
In accordance with the SCSI-2 specification the INQUIRY command has the format shown in Table 7.1,
"SCSI INQUIRY Command Block"
When performing a device serial number query, the following fields must be programmed as follows:
EVPD = 1, and Page Code = 80h
7.2
SCSI Inquiry Response
In accordance with the SCSI-2 specification the response to INQUIRY command has the format shown
in Table 7.2, "Data Buffer Returned for Device Serial Number Query".
Table 7.1 SCSI INQUIRY Command Block
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Byte 0: Operation Code
12h
Byte 1: Logical Unit Number
LUN
Reserved
EVPD
Byte 2: Parameters 1
Page Code
Byte 3: Parameters 2
Reserved
Byte 4: Parameters 3
Allocation Length
Byte 5: Control Field
Vendor Specific
Reserved
Flag
Link
Table 7.2 Data Buffer Returned for Device Serial Number Query
BYTE #
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
0
Peripheral Qualifier
Device Type Code
1
Page Code (80h)
2
Reserved
3
Page Length (n-3)
4
Device serial number
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com